Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 118 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 118 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 114Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 115Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 116Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 117Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 118Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 119Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 120Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 121Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 122Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 439 page
background image
Table 15-2. NVMREG Access to DIA, DCI, User ID, Device ID, Revision ID and Configuration Words
(NVMREGS = 1)
Address
Function
Read Access
Write Access
0x8000 - 0x8003
User IDs
Yes
Yes
0x8005 - 0x8006
Device ID/Revision ID
Yes
No
0x8007 - 0x800B
Configuration Words 1-5
Yes
Yes
0x8100 - 0x82FF
DIA and DCI
Yes
No
15.1.2.7 Write Verify
It is considered good programming practice to verify that program memory writes agree with the intended value.
Since program memory is stored as a full row then the stored program memory contents are compared with the
intended data stored in RAM after the last write is complete.
Figure 15-7. Program Flash Memory Write Verify Sequence
Filename:
10-000051B.vsd
Title:
FLASH PROGRAM MEMORY VERIFY FLOWCHART
Last Edit:
12/4/2015
First Used:
PIC18(L)F2x/4xK40
Note:
1: Refer to Figure 11-5, Program Flash Memory Read Flowchart
Start
Verify Operation
This routine assumes that the last
row of data written was from an
image saved on RAM. This image
will be used to verify the data
currently stored in PFM
Fail
Verify Operation
Last word ?
NVMDAT =
RAM image ?
Read Operation
(1)
End
Verify Operation
No
No
Yes
Yes
Rev. 10-000051B
12/4/2015
PIC16F15213/14/23/24/43/44
NVM - Nonvolatile Memory Control
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com