Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 119 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 119 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 115Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 116Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 117Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 118Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 119Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 120Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 121Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 122Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 439 page
background image
Note: 
1.
See Figure 15-1.
15.1.2.8 WRERR Bit
The WRERR bit can be used to determine if a write error occurred. WRERR will be set if one of the following
conditions occurs:
• If WR is set while the NVMADRH:NMVADRL points to a write-protected address
• A Reset occurs while a self-write operation was in progress
• An unlock sequence was interrupted
The WRERR bit is normally set by hardware, but can be set by the user for test purposes. Once set, WRERR must
be cleared in software.
Table 15-3. Actions for PFM When WR = 1
Free LWLO
Actions for PFM when WR = 1
Comments
1
x
Erase the 32-word row of
NVMADRH:NVMADRL location.
• If WP is enabled, WR is cleared and WRERR is set
• All 32 words are erased
• NVMDATH:NVMDATL is ignored
0
1
Copy NVMDATH:NVMDATL to the write
latch corresponding to NVMADR LSBs.
• Write protection is ignored
• No memory access occurs
0
0
Write the write-latch data to PFM row.
• If WP is enabled, WR is cleared and WRERR is set
• Write latches are reset to 0x3FFF
• NVMDATH:NVMDATL is ignored
15.2
Register Definitions: Nonvolatile Memory Control
PIC16F15213/14/23/24/43/44
NVM - Nonvolatile Memory Control
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com