Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 115 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 115 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 111Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 112Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 113Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 114Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 115Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 116Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 117Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 118Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 439 page
background image
Figure 15-5. Program Flash Memory Write Sequence
Filename:
PFM Write Flowchart.vsdx
Title:
Last Edit:
11/13/2019
First Used:
Notes:
Start Write Operation
Determine number of
words to be written into
PFM or Configuration
Memory. The number of
words cannot exceed the
number of words per row
(word_cnt)
Select
PFM or Config. Memory
(NVMREGS)
Select Row Address
(NVMADRH:NVMADRL)
Select Write Operation
(FREE =
0)
Load Write Latches Only
(LWLO =
1)
Disable interrupts
(GIE =
0)
Enable Write/Erase
Operation (WREN =
1)
Load the value to write
(NVMDATH:NVMDATL)
Update the word counter
(word_cnt--)
Last word to write?
Unlock Sequence
(1)
No delay when writing to
PFM Latches
Re-enable interrupts
(GIE =
1)
Write Latches to PFM
(LWLO =
0)
Disable interrupts
(GIE =
0)
CPU stalls while Write
operation completes
(2 ms typical)
Disable Write/Erase
Operation (WREN =
0)
End Write Operation
Increment Address
(NVMADRH:NVMADRL++)
Unlock Sequence
(1)
Re-enable interrupts
(GIE =
1)
Yes
No
PIC16F15213/14/23/24/43/44
NVM - Nonvolatile Memory Control
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com