Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 122 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 122 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 118Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 119Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 120Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 121Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 122Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 123Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 124Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 125Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 439 page
background image
15.2.3
NVMCON1
Name: 
NVMCON1
Offset: 
0x1C90
Nonvolatile Memory Control 1 Register
Bit
7
6
5
4
3
2
1
0
NVMREGS
LWLO
FREE
WRERR
WREN
WR
RD
Access
R/W
R/W
R/S/HC
R/W/HS
R/W
R/S/HC
R/S/HC
Reset
0
0
0
0
0
0
0
Bit 6 – NVMREGS NVM Region Selection
Value
Description
1
Access DIA, DCI, Configuration, User ID, Revision ID, and Device ID Registers
0
Access Program Flash Memory
Bit 5 – LWLO Load Write Latches Only
Value
Condition
Description
1
When FREE = 0 The next WR command updates the write latch for this word within the row; no
memory operation is initiated
0
When FREE = 0 The next WR command writes data or erases
-
Otherwise:
This bit is ignored
Bit 4 – FREE Program Flash Memory Erase Enable
Value
Description
1
Performs an erase operation with the next WR command; the 32-word pseudo-row containing the
indicated address is erased (to all 1s) to prepare for writing
0
The next WR command writes without erasing
Bit 3 – WRERR
Write-Reset Error Flag(1,2,3)
Value
Description
1
A write operation error has occurred
0
All write operations have completed normally
Bit 2 – WREN Program/Erase Enable
Value
Description
1
Allows program/erase cycles
0
Inhibits programming/erasing of program Flash
Bit 1 – WR  Write Control(4,5,6)
Value
Description
1
Initiates the program/erase operation at the corresponding NVM location
0
NVM program/erase operation is complete and inactive
Bit 0 – RD Read Control
Value
Description
1
Initiates a read at address = NVMADR
0
NVM read operation is complete and inactive
PIC16F15213/14/23/24/43/44
NVM - Nonvolatile Memory Control
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com