Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 126 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 126 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 122Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 123Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 124Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 125Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 126Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 127Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 128Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 129Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 439 page
background image
16.
I/O Ports
16.1
Overview
Table 16-1. Port Availability per Device
Device
PORTA
PORTB
PORTC
8-pin devices
●
14/16-pin devices
●
●
20-pin devices
●
●
●
Each port has eight registers to control the operation. These registers are:
• PORTx registers (reads the levels on the pins of the device)
• LATx registers (output latch)
• TRISx registers (data direction)
• ANSELx registers (analog select)
• WPUx registers (weak pull-up)
• INLVLx (input level control)
• SLRCONx registers (slew rate control)
• ODCONx registers (open-drain control)
In this section, the generic names such as PORTx, LATx, TRISx, etc. can be associated with PORTA, PORTB,
PORTC, etc., depending on availability per device.
A simplified model of a generic I/O port, without the interfaces to other peripherals, is shown in the following figure:
Figure 16-1. Generic I/O Port Operation
Write LATx
Write PORTx
Data bus
Read PORTx
To digital peripherals
To analog peripherals
Data Register
TRISx
VSS
I/O pin
ANSELx
D
Q
CK
Read LATx
VDD
Re v. 10 -00 00 52 A
2/11 /20 19
16.2
PORTx - Data Register
PORTx is a bidirectional port, and its corresponding data direction register is TRISx.
PIC16F15213/14/23/24/43/44
I/O Ports
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com