| Electronic Components Datasheet Search |
|
PIC16F15213T-I/ST Datasheet(PDF) 127 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F15213T-I/ST Datasheet(HTML) 127 Page - Microchip Technology |
|
127 / 439 page ![]() Reading the PORTx register reads the status of the pins, whereas writing to it will write to the PORT latch. All write operations are Read-Modify-Write operations. Therefore, a write to a port implies that the PORT pins are read, and this value is modified, then written to the PORT data latch (LATx). The PORT data latch LATx holds the output port data and contains the latest value of a LATx or PORTx write. The example below shows how to initialize PORTA. Example 16-1. Initializing PORTA in Assembly ; This code example illustrates initializing the PORTA register. ; The other ports are initialized in the same manner. BANKSEL PORTA ; CLRF PORTA ;Clear PORTA BANKSEL LATA ; CLRF LATA ;Clear Data Latch BANKSEL ANSELA ; CLRF ANSELA ;Enable digital drivers BANKSEL TRISA ; MOVLW B'00111000' ;Set RA[5:3] as inputs MOVWF TRISA ;and set others as outputs Example 16-2. Initializing PORTA in C // This code example illustrates initializing the PORTA register. // The other ports are initialized in the same manner. PORTA = 0x00; // Clear PORTA LATA = 0x00; // Clear Data Latch ANSELA = 0x00; // Enable digital drivers TRISA = 0x38; // Set RA[5:3] as inputs and set others as outputs Important: Most PORT pins share functions with device peripherals, both analog and digital. In general, when a peripheral is enabled on a PORT pin, that pin cannot be used as a general purpose output; however, the pin can still be read. 16.3 LATx - Output Latch The Data Latch (LATx registers) is useful for Read-Modify-Write operations on the value that the I/O pins are driving. A write operation to the LATx register has the same effect as a write to the corresponding PORTx register. A read of the LATx register reads of the values held in the I/O PORT latches, while a read of the PORTx register reads the actual I/O pin value. Important: As a general rule, output operations to a port must use the LAT register to avoid Read- Modify-Write issues. For example, a bit set or clear operation reads the port, modifies the bit, and writes the result back to the port. When two bit operations are executed in succession, output loading on the changed bit may delay the change at the output in which case the bit will be misread in the second bit operation and written to an unexpected level. The LAT registers are isolated from the port loading and therefore changes are not delayed. PIC16F15213/14/23/24/43/44 I/O Ports © 2020-2022 Microchip Technology Inc. and its subsidiaries Data Sheet DS40002195E-page 127 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |