Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 129 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 129 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 125Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 126Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 127Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 128Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 129Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 130Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 131Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 132Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 439 page
background image
rate limited. When a SLRCONx bit is cleared (SLRCONx = 0), the corresponding PORT pin drive slews at the
maximum rate possible.
16.9
ODCONx - Open-Drain Control
The ODCONx register controls the open-drain feature of the port. Open-drain operation is independently selected for
each pin. When a ODCONx bit is set (ODCONx = 1), the corresponding port output becomes an open-drain driver
capable of sinking current only. When a ODCONx bit is cleared (ODCONx = 0), the corresponding port output pin is
the standard push-pull drive capable of sourcing and sinking current.
Important:  It is necessary to set open-drain control when using the pin for I2C.
16.10 Edge Selectable Interrupt-on-Change
An interrupt can be generated by detecting a signal at the PORT pin that has either a rising edge or a falling edge.
Individual pins can be independently configured to generate an interrupt. Refer to the “IOC - Interrupt-on-Change”
chapter for more details.
16.11 I2C Pad Control
For this family of devices, the I2C specific pads are available on RB4 and RB6 (20-pin devices only), and RC0 and
RC1 pins. The I2C characteristics of each of these pins is controlled by the RxyI2C registers. These characteristics
include enabling I2C specific slew rate (over standard GPIO slew rate), selecting internal pull-ups for I2C pins, and
selecting appropriate input threshold as per SMBus specifications.
Important:  Any peripheral using the I2C pins reads the I2C input levels when enabled via RxyI2C.
16.12 I/O Priorities
Each pin defaults to the data latch after Reset. Other functions are selected with the Peripheral Pin Select logic.
Refer to the “PPS - Peripheral Pin Select Module” chapter for more details.
Analog input functions, such as ADC and comparator inputs, are not shown in the Peripheral Pin Select lists. These
inputs are active when the I/O pin is set for Analog mode using the ANSELx register. Digital output functions may
continue to control the pin when it is in Analog mode.
Analog outputs, when enabled, take priority over digital outputs and force the digital output driver into a High-
Impedance state.
The pin function priorities are as follows:
1.
Port functions determined by the Configuration bits.
2.
Analog outputs (input buffers must be disabled).
3.
Analog inputs.
4.
Port inputs and outputs from PPS.
PIC16F15213/14/23/24/43/44
I/O Ports
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com