Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 108 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 108 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 104Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 105Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 106Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 107Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 108Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 109Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 110Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 111Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 439 page
background image
15.1
Program Flash Memory (PFM)
The Program Flash Memory (PFM) is readable, writable and erasable over the entire VDD range.
PFM consists of the following regions:
• User program memory (read/write)
• Configuration Words (read/write)
• Device ID (read-only)
• Revision ID (read-only)
• User ID (read-write)
• Device Information Area (read-only)
• Device Configuration Information (read-only)
PFM can be read and/or written to through:
• CPU instruction fetch (read-only)
• FSR/INDF indirect access (read-only)
• NVMREG access (read-write)
• In-Circuit Serial Programming
™ (ICSP™) (external read-write)
It is important to understand the program memory structure for erase and programming operations. Program memory
is arranged in rows. A row consists of 32 14-bit program memory words. A row is the minimum size that can be
erased by user software. A Bulk Erase command cannot be issued from user code.
Read operations return a single word of memory. Write and erase operations are done on a row basis. Program
memory will erase to a logic ‘1’ and program to a logic ‘0’.
All or a portion of a row can be programmed. Data to be written into the program memory row is written to 14-bit
wide data write latches. These latches are not directly accessible, but may be loaded via sequential writes to the
NVMDATH:NVMDATL register pair.
Important:  To modify only a portion of a previously programmed row, the contents of the entire row must
be read. Then, the new data and retained data can be written into the write latches to reprogram the row
of program memory. However, any unprogrammed locations can be written without first erasing the row. In
this case, it is not necessary to save and rewrite the other previously programmed locations.
Writing or erasing program memory will cease instruction fetches until the operation is complete. The program
memory cannot be accessed during the write or erase, so code cannot execute. An internal programming timer
controls the write time of program memory writes and erases.
A value written to program memory does not need to be a valid instruction. Executing a program memory location
that forms an invalid instruction results in a NOP.
15.1.1
FSR and INDF Access
The File Select (FSR) and INDF registers allow indirect access to the Program Flash Memory. Indirect addressing
is a mode in which the memory address in the instruction is determined by another register. The value of the FSR
registers is used to determine the memory address location to be accessed.
15.1.1.1 FSR Read
The FSRs are used to provide read access to program memory.
Program memory is accessed by loading the FSRxH:FSRxL register pair with the address to be read, and setting
bit 7 of the FSRxH register to ‘1’. When a MOVIW instruction, or any instruction that accesses INDFx, is executed,
the value loaded into the FSRx register pair points to the location in program memory to be accessed. If the FSRx
register pair points to an INDFx register, the read will return ‘0’.
Reading from NVM requires one instruction cycle. The CPU operation is suspended during the read and resumes
immediately after. Read operations return a single byte of memory.
PIC16F15213/14/23/24/43/44
NVM - Nonvolatile Memory Control
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com