Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U5A5QJ Datasheet(PDF) 331 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 331 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 327Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 328Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 329Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 330Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 331Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 332Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 333Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 334Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 335Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 382 page
background image
DS13543 Rev 1
331/382
STM32U5Axxx
Electrical characteristics
348
tw(CLKH) OCTOSPI clock
high and low time
(odd division)
PRESCALER[7:0] = n
(n = 2, 4, 6,..254)
(n/2) × t(CLK)
/(n+1) - 0.5
-
(n/2) × t(CLK)
/(n+1) + 0.5
ns
tw(CLKL)
((n/2)+1) × t(CLK)
/(n+1) - 0.5
-
((n/2)+1) × t(CLK)
/(n+1) + 0.5
tv(CLK)
Clock valid time
-
-
-
t(CLK) + 2
th(CLK)
Clock hold time
-
t(CLK)/2 - 0.5
-
-
VODr(CLK)
(5)
CLK, NCLK
crossing level on
CLK rising edge
VDD = 1.8 V
925
-
1040
mV
VODf(CLK)
(5)
CLK, NCLK
crossing level on
CLK falling edge
VDD = 1.8 V
870
-
1105
tw(CS)
Chip select high
time
-3 × t(CLK)
--
ns
tv(DQ)
Data input valid
time
-0
-
-
tv(DS)
Data strobe input
valid time
0-
-
th(DS)
Data strobe input
hold time
-0
-
-
tv(RWDS)
Data strobe output
valid time
--
-
3 × t(CLK)
tsr(DQ)
tsf(DQ)
Data input setup
time
Voltage range 1
-0.25
-
t(CLK)/2 - 1.25(6)
Voltage range 4
0
-
t(CLK)/2 - 1.75(6)
thr(DQ)
thf(DQ)
Data input hold
time
Voltage range 1
1.25
-
-
Voltage range 4
1.75
-
-
tvr(OUT)
tvf(OUT)
Data output valid
time DHQC = 0
Voltage range 1
-
6
9.5
Voltage range 4
-
13
19.5
Data output valid
time DHQC = 1
Voltage range 1
All prescaler values
(except 0)
-t(CLK)/4 + 0.5
t(CLK)/4 + 1.25
thr(OUT)
thf(OUT)
Data output hold
time DHQC = 0
Voltage range 1
4
-
-
Voltage range 4
7.75
-
-
thr(OUT)
Data output hold
time DHQC = 1
Voltage range 1
All prescaler values
(except 0)
t(CLK)/4 - 0.5
-
-
1. Evaluated by characterization. Not tested in production.
2. Delay block activated.
3. Maximum frequency values are given for a RWDS to DQ skew of maximum ±1.0 ns.
4. Activating DHQC is mandatory to reach this frequency.
5. Crossing results are in line with specification, except for PA3/PB5 CLK that exceed slightly the specification.
Table 141. OCTOSPI characteristics in DTR mode (with DQS)/HyperBus(1)(2) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com