Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56321RM/D Datasheet(PDF) 27 Page - NXP Semiconductors

Part # DSP56321RM/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM/D Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button DSP56321RM/D Datasheet HTML 23Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 24Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 25Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 26Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 27Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 28Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 29Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 30Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
2-3
DC Electrical Characteristics
2.4 DC Electrical Characteristics
Table 2-3. DC Electrical Characteristics7
Characteristics
Symbol
Min
Typ
Max
Unit
Supply voltage1:
•
Core (VCCQL)
•
I/O (VCCQH, VCCA, VCCD, VCCC, VCCH, and VCCS)
1.5
3.0
1.6
3.3
1.7
3.6
V
V
Input high voltage
•
D[0–23], BG, BB, TA
•MOD/IRQ2 RESET, PINIT/NMI and all
JTAG/ESSI/SCI/Timer/HI08 pins
•EXTAL9
VIH
VIHP
VIHX
2.0
2.0
0.8
× V
CCQH
—
—
—
VCCQH + 0.3
VCCQH + 0.3
VCCQH
V
V
V
Input low voltage
•
D[0–23], BG, BB, TA, MOD3/IRQ3, RESET, PINIT
•
All JTAG/ESSI/SCI/Timer/HI08 pins
•EXTAL9
VIL
VILP
VILX
–0.3
–0.3
–0.3
—
—
—
0.8
0.8
0.2
× V
CCQH
V
V
V
Input leakage current
IIN
–10
—
10
µA
High impedance (off-state) input current
(@ 2.4 V / 0.4 V)
ITSI
–10
—
10
µA
Output high voltage
•
TTL (IOH = –0.4 mA)
6,8
•
CMOS (IOH = –10 µA)
6
VOH
2.4
VCCQH – 0.01
—
—
—
—
V
V
Output low voltage
•
TTL (IOL = 3.0 mA, open-drain pins IOL = 6.7 mA)
6,8
•
CMOS (IOL = 10 µA)
6
VOL
—
—
—
—
0.4
0.01
V
V
Internal supply current:
•
In Normal mode3 at:
—220 MHz
—240 MHz
•
In Wait mode4 at:
—220 MHz
—240 MHz
•
In Stop mode5
ICCI
ICCW
ICCS
—
—
—
—
—
198
216
TBD
TBD
TBD
—
—
—
—
—
mA
mA
mA
mA
µA
Input capacitance6
CIN
—
—
10
pF
Notes:
1.
Power-up sequence: During power-up, and throughout the DSP56321T operation, VCCQH voltage must
always be higher or equal to VCCQL voltage.
2.
Refers to MODA/IRQA, MODB/IRQB, MODC/IRQC, and MODD/IRQD pins.
3.
Section 4.3 provides a formula to compute the estimated current requirements in Normal mode. To
obtain these results, all inputs must be terminated (that is, not allowed to float). Measurements are
based on synthetic intensive DSP benchmarks (see Appendix A). The power consumption numbers in
this specification are 90 percent of the measured results of this benchmark. This reflects typical DSP
applications.
4.
To obtain these results, all inputs must be terminated (that is, not allowed to float).
5.
DC current in Stop mode is based on preliminary estimation, and is evaluated based on measurements.
To obtain these results, all inputs not disconnected at Stop mode must be terminated (that is, not
allowed to float), and the DPLL and on-chip crystal oscillator must be disabled.
6.
Periodically sampled and not 100 percent tested.
7.
VCCQH = 3.3 V ± 0.3 V, VCCQL = 1.6 V ± 0.1 V; TJ = 0°C to +85°C, CL = 50 pF
8.
This characteristic does not apply to XTAL.
9.
Driving EXTAL to the low VIHX or the high VILX value may cause additional power consumption (DC
current). To minimize power consumption, the minimum VIHX should be no lower than
0.9
× V
CCQH and the maximum VILX should be no higher than 0.1 × VCCQH.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com