Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56321RM/D Datasheet(PDF) 38 Page - NXP Semiconductors

Part # DSP56321RM/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM/D Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button DSP56321RM/D Datasheet HTML 34Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 35Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 36Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 37Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 38Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 39Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 40Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 41Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
2-14
AC Electrical Characteristics
2.5.5.2 Asynchronous Bus Arbitration Timings
Figure 2-11. SRAM Write Access
Table 2-9. Asynchronous Bus Timings
No.
Characteristics
Expression
220 MHz
240 MHz
Unit
Min
Max
Min
Max
250
BB assertion window from BG input deassertion.
2.5
× Tc + 5
—
16.4
—
15.4
ns
251
Delay from BB assertion to BG assertion
2
× Tc + 5
14.1
—
13.3
—
ns
Notes:
1.
Bit 13 in the Operating Mode Register must be set to enable Asynchronous Arbitration mode.
2.
At 150 MHz, Asynchronous Arbitration mode is recommended.
3.
To guarantee timings 250 and 251, it is recommended that you assert non-overlapping BG inputs to different
DSP56300 devices (on the same bus), as shown in Figure 2-12, where BG1 is the BG signal for one DSP56300
device while BG2 is the BG signal for a second DSP56300 device.
A[0–17]
WR
RD
Data
Out
D[0–23]
AA[0–3]
100
102
101
107
114
108
109
103
TA
118
119
Note: Address lines A[0–17] hold their state after a
read or write operation. AA[0–3] do not hold their
state after a read or write operation.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com