Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56321RM/D Datasheet(PDF) 53 Page - NXP Semiconductors

Part # DSP56321RM/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM/D Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button DSP56321RM/D Datasheet HTML 49Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 50Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 51Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 52Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 53Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 54Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 55Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 56Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 88 page
background image
2-29
AC Electrical Characteristics
2.5.10
CONSIDERATIONS FOR GPIO USE
The following considerations can be helpful when GPIO is used.
2.5.10.1 GPIO as Output
• The time from fetch of the instruction that changes the GPIO pin to the actual change is seven core
clock cycles, if the instruction is a one-cycle instruction and there are no pipeline stalls or any other
pipeline delays.
• The maximum rise or fall time of a GPIO pin is 13 ns (TTL levels, assuming that the maximum of 50
pF load limit is met).
2.5.10.2 GPIO as Input
GPIO inputs are not synchronized with the core clock. When only one GPIO bit is polled, this lack of
synchronization presents no problem, since the read value can be either the previous value or the new
value of the corresponding GPIO pin. However, there is the risk of reading an intermediate state if:
• Two or more GPIO bits are treated as a coupled group (for example, four possible status states encoded
in two bits).
• The read operation occurs during a simultaneous change of GPIO pins (for example, the change of 00
to 11 may happen through an intermediate state of 01 or 10).
Therefore, when GPIO bits are read, the recommended practice is to poll continuously until two
consecutive read operations have identical results.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com