Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56321RM/D Datasheet(PDF) 11 Page - NXP Semiconductors

Part # DSP56321RM/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM/D Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button DSP56321RM/D Datasheet HTML 7Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 8Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 9Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 10Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 11Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 12Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 13Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 14Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
1-5
External Memory Expansion Port (Port A)
1.5.3 External Bus Control
Table 1-7. External Bus Control Signals
Signal
Name
Type
State During
Reset, Stop, or
Wait
Signal Description
AA[0–3]
Output
Tri-stated
Address Attribute—When defined as AA, these signals can be used as
chip selects or additional address lines. The default use defines a
priority scheme under which only one AA signal can be asserted at a
time. Setting the AA priority disable (APD) bit (Bit 14) of the Operating
Mode Register, the priority mechanism is disabled and the lines can be
used together as four external lines that can be decoded externally into
16 chip select signals.
RD
Output
Tri-stated
Read Enable—When the DSP is the bus master, RD is an active-low
output that is asserted to read external memory on the data bus
(D[0–23]). Otherwise, RD is tri-stated.
WR
Output
Tri-stated
Write Enable—When the DSP is the bus master, WR is an active-low
output that is asserted to write external memory on the data bus
(D[0–23]). Otherwise, the signals are tri-stated.
TA
Input
Ignored Input
Transfer Acknowledge—If the DSP56321T is the bus master and there
is no external bus activity, or the DSP56321T is not the bus master, the
TA input is ignored. The TA input is a data transfer acknowledge
(DTACK) function that can extend an external bus cycle indefinitely. Any
number of wait states (1, 2. . .infinity) can be added to the wait states
inserted by the bus control register (BCR) by keeping TA deasserted. In
typical operation, TA is deasserted at the start of a bus cycle, is asserted
to enable completion of the bus cycle, and is deasserted before the next
bus cycle. The current bus cycle completes one clock period after TA is
asserted synchronous to CLKOUT. The number of wait states is
determined by the TA input or by the BCR, whichever is longer. The
BCR can be used to set the minimum number of wait states in external
bus cycles.
To use the TA functionality, the BCR must be programmed to at least
one wait state. A zero wait state access cannot be extended by TA
deassertion; otherwise, improper operation may result. TA can operate
synchronously or asynchronously depending on the setting of the TAS
bit in the Operating Mode Register. TA functionality cannot be used
during DRAM type accesses; otherwise improper operation may result.
BR
Output
Reset: Output
(deasserted)
State during
Stop/Wait depends
on BRH bit setting:
• BRH = 0: Output
(deasserted)
• BRH = 1: Maintains
last state (that is, if
asserted, remains
asserted)
Bus Request—Asserted when the DSP requests bus mastership. BR is
deasserted when the DSP no longer needs the bus. BR may be
asserted or deasserted independently of whether the DSP56321T is a
bus master or a bus slave. Bus “parking” allows BR to be deasserted
even though the DSP56321T is the bus master. (See the description of
bus “parking” in the BB signal description.) The bus request hold (BRH)
bit in the BCR allows BR to be asserted under software control even
though the DSP does not need the bus. BR is typically sent to an
external bus arbitrator that controls the priority, parking, and tenure of
each master on the same external bus. BR is affected only by DSP
requests for the external bus, never for the internal bus. During
hardware reset, BR is deasserted and the arbitration is reset to the bus
slave state.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com