Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56321RM/D Datasheet(PDF) 31 Page - NXP Semiconductors

Part # DSP56321RM/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM/D Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button DSP56321RM/D Datasheet HTML 27Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 28Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 29Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 30Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 31Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 32Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 33Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 34Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
2-7
AC Electrical Characteristics
2.5.4
Reset, Stop, Mode Select, and Interrupt Timing
Table 2-7. Reset, Stop, Mode Select, and Interrupt Timing6
No.
Characteristics
Expression
220 MHz
240 MHz
Unit
Min
Max
Min
Max
8
Delay from RESET assertion to all pins at
reset value3
——
26
—
26
ns
9
Required RESET duration4
Power on, external clock generator, DPLL
disabled
Power on, external clock generator, DPLL
enabled
Power on, internal oscillator
During STOP, XTAL disabled
During STOP, XTAL enabled
During normal operation
50
× ET
C
1000
× ET
C
75000
× ET
C
75000
× ET
C
2.5
× T
C
2.5
× T
C
227.5
4.55
0.341
0.341
11.38
11.38
—
—
—
—
—
—
208.5
4.17
0.313
0.313
10.43
10.43
—
—
—
—
—
—
ns
µs
ms
ms
ns
ns
10
Delay from asynchronous RESET
deassertion to first external address output
(internal reset deassertion)5
Minimum
Maximum
3.25
× T
C + 2.0
20.25 TC + 10
16.79
—
—
102.14
15.55
—
—
94.44
ns
ns
13
Mode select setup time
30.0
—
30.0
—
ns
14
Mode select hold time
0.0
—
0.0
—
ns
15
Minimum edge-triggered interrupt request
assertion width
4.0
—
4.0
—
ns
16
Minimum edge-triggered interrupt request
deassertion width
4.0
—
4.0
—
ns
17
Delay from IRQA, IRQB, IRQC, IRQD, NMI
assertion to external memory access address
out valid
Caused by first interrupt instruction fetch
Caused by first interrupt instruction execution
4.25
× T
C + 2.0
7.25
× T
C + 2.0
21.24
34.99
—
—
19.72
32.23
—
—
ns
ns
18
Delay from IRQA, IRQB, IRQC, IRQD, NMI
assertion to general-purpose transfer output
valid caused by first interrupt instruction
execution
10
× T
C + 5.0
50.5
—
46.17
—
ns
19
Delay from address output valid caused by
first interrupt instruction execute to interrupt
request deassertion for level sensitive fast
interrupts1, 7, 8
(WS + 3.75)
× T
C – 10.94
—
Note 8
—
Note 8
ns
20
Delay from RD assertion to interrupt request
deassertion for level sensitive fast interrupts1,
7, 8
(WS + 3.25)
× T
C – 10.94
—
Note 8
—
Note 8
ns
21
Delay from WR assertion to interrupt
request deassertion for level sensitive fast
interrupts1, 7, 8
SRAM WS = 3
SRAM WS
≥ 4
(WS + 3)
× T
C – 10.94
(WS + 2.5)
× T
C – 10.94
—
—
Note 8
Note 8
—
—
Note 8
Note 8
ns
ns
24
Duration for IRQA assertion to recover from
Stop state
5.9
—
5.9
—
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com