Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZAMC4100GA2R Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 30Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 31Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 32Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 33Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 34Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 35Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 36Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 37Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
34
January 26, 2016
The power-up sequence of the whole system is handled by the SBC chip. When the voltage at the VDDE pin
reaches the power-on-reset level (refer to Table 1.5), the system reset is generated. After power-on-reset, the
power-up timer in the SBC starts counting a time tPWRT needed for stabilizing the oscillators and the other analog
circuitry (see Table 1.17). When the analog circuitry is stable, the SBC enables the MCU power supply and
checks its validity. During the MCU supply validity check, the SBC checks that both supply voltages (BUF1V8 and
REG3V3) needed for the MCU operation are in range.
When the supply is valid, the SBC enables the MCU clock and releases its reset. At this point, the SBC chip
switches to the NORMAL Mode, and the MCU can start executing the initialization firmware, running the
diagnostic checks, and switch to the application routine.
If the MCU supply is not valid, the SBC chip executes a time loop in which the internal supply-valid flags are
continuously checked. If the time tMSC expires and the MCU supply is still not in range, the SBC switches to
SLEEP Mode. Switching to SLEEP Mode in the event of an MCU supply failure guarantees that the system stays
passive with very low current consumption (less than 80µA). The ZAMC4100 can switch back to NORMAL Mode
if a valid LIN wake-up is detected. In this case, the MCU supply is checked again and depending on the result, the
system stays in NORMAL Mode or switches to SLEEP Mode.
The ZAMC4100 start-up timing parameters are specified in Table 1.17. Details regarding the ZAMC4100 SLEEP
Mode are given in section 3.5.2.
3.2.
Clock and Reset Sources of the ZAMC4100
All clocks and resets for ZAMC4100 system are generated in the SBC chip. The clock structure of the ZAMC4100
is shown in Figure 3.2, and the reset structure is shown in Figure 3.3.
3.2.1.
Clock Sources
OSCH is the main clock generator for the SBC and MCU. The output clock from OSCH goes directly to the MCU
at 20MHz and to the divider for the SBC resulting in a 4MHz SBC clock.
In SLEEP Mode, the MUX sets the SBC clock to the125kHz OSCL clock. The main purpose of this clock in
SLEEP Mode is to drive the LIN wake-up detection. Also the OSCL clock is used continuously by the WDT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com