| Electronic Components Datasheet Search |
|
ZAMC4100GA2R Datasheet(PDF) 92 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZAMC4100GA2R Datasheet(HTML) 92 Page - Renesas Technology Corp |
|
92 / 156 page ![]() ZAMC4100 Datasheet © 2016 Integrated Device Technology, Inc. 92 January 26, 2016 Register RCMPCNT This register contains the number of the consecutive comparator matches before interrupt ADCCMPIF is generated. If the value of RCMPCNT (Table 3.50) is 00HEX (default value), the counter is bypassed and the interrupt flag ADCCMPIF (Table 3.39) is set on the first match. When the conversion is running, this register is accessed as read-only. 3.12.10. External ADC Analog Inputs Open/Short Diagnostics and Protection ZAMC4100 provides open/short diagnostics for the analog input pins (AINx) and the sensor supply pin S_P as well. Pins S_P and AIN1,2 also have short-to-battery protection. The internal protection and diagnostic structure of the S_P and AINx pins is shown in Figure 3.25. The diagnostic functionality for all pins (S_P, AINx) is controlled by register AINDIAG described in Table 3.43 and Table 3.44. Table 3.45 gives the meaning of the corresponding open/short flag from the AINDIAG register with respect to the combination of AINCSHEN and AINCSLEN bits that enable the diagnostic current sinks/sources connected to the analog input pins. The protection against a short to Vbat on the S_P and AIN1,2 pins relies on Zener-like structure inside the ZAMC4100 that limits the voltage propagated to the internal circuitries to a safe level. The limitation of the current through the S_P pin in the event of such a failure is achieved with an internal resistor connected in series (see Figure 3.25-A. For the AIN1,2 pins this resistor is external (R2 and R3 on the application diagram as shown in Figure 6.1). The protection against a short to GND on the S_P pin is achieved by limitation of the load current. Its value is specified in Table 1.4 as parameter ISP_OC. Note: Enabled diagnostic current sources during ADC conversion might result in inaccurate results. Disable all AINx and S_P pin diagnostics before starting an ADC conversion. Figure 3.25 ADC Analog Inputs Protection and Open/Short Detection Circuitry S_P SPSWEN VDD5V0 ZAMC4100 A) S_P pin protection and diagnostic VDD5V0 AINCSHEN AINCSLEN Open/Short Detect SPOSF AINx ZAMC4100 B) AINx pin diagnostic VDD5V0 AINCSHEN AINCSLEN AINxOSF Open/Short Detect |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |