Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZAMC4100GA2R Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 96Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 97Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 98Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 99Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 100Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 101Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 102Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 103Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
100
January 26, 2016
Note: When the TRIM signature is set, the WRITE access to the application registers is forbidden. After the trim
registers are written, the MCU should set the APPLICATION signature (see section 3.14.2) in order to have
regular access to the application registers.
3.14.1. SBC Registers Address Map
Table 3.50 SBC Registers Address Map
Address
[HEX]
Register Name
Reset
Value,
[HEX]
Description
Global control and status registers
00
RSTSTAT
01
Reset status
01
IRQSTAT
00
Interrupt status
02
IRQCTR
00
Interrupt control
03
SMDCTRL
0C
System mode control
04
WDTCONF
11
Watchdog timer configuration
05
SPIDPTR
01
SPI data pointer
Drivers’ control and status registers
06
HBDCTRL
00
Half-bridge driver control
07
HBDDIAG
00
Half-bridge driver diagnostics enable
08
HSDCTRL
00
High-side driver control
09
ECMCTRL
00
Electrochromatic driver control
0A
HBDSTAT
00
Half-bridge driver status
0B
HSDSTAT
00
High-side driver diagnostics and status
0C
ECMDIAG
00
ECM driver diagnostics
ADC control and status registers
0D
ADCSTAT
00
ADC status
0E
ADCRESH
00
ADC result high byte
0F
ADCRESL
00
ADC result low byte
10
AINCONF
00
Analog input pins configuration
11
ADCCONF
00
ADC configuration
12
ADCCTRL
00
ADC control
13
ADCCMPH
00
ADC result comparator threshold high byte
14
ADCCMPL
00
ADC result comparator threshold low byte
15
RCMPCNT
00
ADC comparator counter
16
AINDIAG
00
Analog inputs diagnostic
LIN PHY control and status registers
17
LINCTRL
00
LIN control
18
LINSTAT
00
LIN PHY status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com