Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZAMC4100GA2R Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 57Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 58Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 59Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 60Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 61Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 62Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 63Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 64Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
61
January 26, 2016
Table 3.15 HBDSTAT Register Bits Mapping
Name
HBDSTAT
Bit No
7
6
5
4
3
2
1
0
Bit name
Reset
0
0
0
0
0
0
0
0
Access
R
R
R
R
R/Wc
R/Wc
R/Wc
R/Wc
Address
0x0A
R/Wc = Read/Write 1 to clear, R = Read-only
Table 3.16 HBDSTAT Register Bit Descriptions
Bit
Description
7:4
HBxOSF: Open/short status flag for half-bridge driver x (x = 4 to 1, for HB4 to HB1 respectively). This flag is not
registered; i.e., its value stays as long as the diagnostic event takes place.
The meaning of these bits depends on the settings of bits HBxCSLEN and HBxCSHEN of the HBDDIAG register and
are given in Table 3.19 as explained in section 3.8.3.
3:0
HBxOCIF: Over-current interrupt flag for half-bridge driver x (x = 4 to 1, for HB4 to HB1 respectively). See section
3.8.2.
1 = There is an over-current in the output of driver x. The driver x is disabled as long as this bit is set.
0 = There is no over-current in the output of driver x.
3.8.2.
Half-Bridge Over-Current Protection
In the case of an over-current event, the corresponding driver automatically limits the current in order to prevent
damage in the MOSFET stage. If the over-current condition continues more than 20µs, the corresponding
interrupt flag (HBxOCIF; Table 3.16) is set and the driver is automatically disabled. The MCU can re-enable the
driver by clearing its interrupt flag. If the over-current condition still exists after 20µs, the driver will be disabled
again.
The time of 20µs is counted by a counter functioning like an integrator. The counter works in increment or
decrement mode determined by following conditions:
•
The counter only increments per unit time in response to an over-current occurrence.
•
The counter only decrements (to zero) per unit time in response to normal current operation.
Figure 3.13 illustrates the over-current function using three typical examples of over-current occurrences in an
application:
Case A: Operating with persistent over-current occurrence for more than 20µs. The counter increments
constantly until expiration after 20µs, the interrupt flag is set, and the MOSFET is automatically
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com