Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZAMC4100GA2R Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 70Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 71Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 72Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 73Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 74Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 75Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 76Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 77Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
74
January 26, 2016
Table 3.9). Recovering from that state to normal functionality requires that the ECMOCIF flag to be cleared by
writing “1” to its position in the ECMDIAG register. The procedure for recovering from that state to normal
functionality goes through the following steps:
As previously discussed, it is strongly recommended that the MCU performs an open/short diagnostic check
before re-enabling the driver:
•
If the result is “Normal load or short to VSS” (see section 3.11.3), then “Normal load” condition is
assumed and the MCU should proceed with the driver enable. If enabling the driver generates an over-
current event, then there is a “short to VSS” failure at the output.
•
If the diagnostic (and eventual activating of the driver as described above) results in “short to VSS,”
“Short to VDDE,” or “Open load,” the ECM driver should not be enabled until the failure is present.
ECM “Short to VSS” and “Short to VDDE” Failures
For ZAMC4100 failures for the ECM, “Short to VSS” and “Short to VDDE” must be considered differently on the
module level compared to the ZAMC4100 level. On the module level, the short failures are defined for each point
in the outside circuitry, including external connections, components and loads, and reflect their specifics. On the
ZAMC4100 level, failure is defined inside the IC, also including the pins on the package.
This clarification is important because module-level failures are not always IC-level failures. For example in the
case of a “Short to VSS” of the EC mirror terminal (module-level failure), the current through the output of the
ECM driver is limited by the external resistor R1 (see the application diagram in Figure 6.1) to a value in the
normal operation range for the ZAMC4100 (see parameters IOC_EC_M and IOC_EC_RES in Table 1.9). As a result, this
particular event will not be detected by the internal over-current protection circuitry of the ECM driver and no over-
current event will be detected and captured in the ECMOCIF interrupt flag (see section 3.11.3,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com