| Electronic Components Datasheet Search |
|
ZAMC4100GA2R Datasheet(PDF) 50 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZAMC4100GA2R Datasheet(HTML) 50 Page - Renesas Technology Corp |
|
50 / 156 page ![]() ZAMC4100 Datasheet © 2016 Integrated Device Technology, Inc. 50 January 26, 2016 3.6.1. SBC Interrupts: Enabling, Flagging, and Clearing Procedure Each SBC global interrupt source has an individual interrupt enable (IE) bit. If an interrupt is enabled and the interrupt event occurs, it affects the IRQN line by forcing it to low. On power-on-reset all interrupts are disabled. All interrupt sources are continuously observed during the system operation. If an interrupt event occurs, it is detected and indicated by setting the corresponding interrupt flag (IF) bit to ‘1,’ which remains high until the MCU clears it. The interrupt events are detected and the corresponding interrupt flag is set even if the interrupt is disabled. Each interrupt flag can be cleared by the MCU. In order to clear an interrupt, the MCU should write a logic ‘1’ into its flag bit. This is a dummy write that is executed by the SBC as an IF clearing. In order to clear a global interrupt flag, the MCU must clear all peripheral interrupts belonging to the global flag. If the MCU executes the interrupt clearing procedure but the interrupt event is still present, the flag will not be cleared. The ADCRDYIF flag (Table 3.12) supports a second clearing method, which is reading the ADC result register (see section 3.12.8). Another exception is the WDTIF watchdog interrupt, which is cleared by clearing the WDT (Table 3.4). 3.6.2. SBC Global Interrupts Registers The SBC registers used for global interrupt enabling and reading are IRQCTRL and IRQSTAT. All global interrupt enable and flag bits are given in Table 3.7 and |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |