Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZAMC4100GA2R Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 66Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 67Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 68Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 69Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 70Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 71Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 72Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 73Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
70
January 26, 2016
3.10.3. Drivers PWM Control
The PWM signal is propagated to all half-bridge and high-side drivers. Each driver has a PWM enable bit that
determines whether the driver’s output is pulse-width modulated or not. The PWM enable bits for all drivers are
mapped to register PWMDREN (see Table 3.25 and Table 3.26). If needed, the MCU can enable simultaneous
PWM control for two or more drivers by setting more PWM enable bits in register PWMDREN.
Once the PWM is enabled (PWMDCFG ≠ 0), the write access to register PWMDREN is disabled. In order to
enable the PWM control for another driver, the MCU must disable the PWM generation (write PWMDCFG =
00HEX) and then modify the value of the PWMDREN register. For a successful PWMDREN change, the following
sequence is recommended:
1) Disable the PWM by writing to PWMDCFG = 00HEX
2) Wait for a time longer than one PWM period to ensure that register PWMDCFG is updated; i.e. PWM is
disabled. This requirement comes from the ZAMC4100 PWM glitch-free feature (see section 3.10.1).
3) Write the new value in register PWMDREN
4) Enable the PWM again (PWMDCFG ≠ 0x00)
Table 3.25 PWMDREN Register Bits Mapping
Name
PWMDREN
Bit No
7
6
5
4
3
2
1
0
Bit name
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address
0x1B
R/W = Read/Write bit
Table 3.26 PWMDREN Register Bits Description
Bit
Description
7:4
HSxPWMEN:
1), 2) Enables PWM control for high-side drivers x (x = 1 to 4).
1 = The output of the corresponding high-side driver is pulse-width modulated.
0 = There is no pulse width modulation at the driver’s output.
3:0
HBxPWMEN:
1), 2) Enables PWM control for half-bridge drivers x (x = 1 to 4).
1 = The output of the corresponding half/bridge driver is pulse-width modulated.
0 = There is no pulse width modulation at the driver’s output.
1)
Bits HSxPWMEN and HBxPWMEN are automatically cleared at SLEEP or STANDBY Mode entry.
2)
When all bits of the PWMDREN register are 0, the PWM module is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com