Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC705E5GRS/D Datasheet(PDF) 135 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 135 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 131Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 132Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 133Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 134Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 135Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 136Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 137Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 138Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 139Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 148 page
background image
Electrical Specifications
Operating Temperature Range
MC68HC705E5 — Rev. 1.0
General Release Specification
Electrical Specifications
15.4 Operating Temperature Range
15.5 Thermal Characteristics
Characteristic
Symbol
Value
Unit
Operating Temperature Range
MC68HC(7)05E5DW (Standard)
MC68HC(7)05E5P
T
A
T
L to TH
0 to +70
0 to +70
°C
Characteristic
Symbol
Value
Unit
Thermal Resistance
Plastic DIP
SOIC
θ
JA
60
60
°C/W
I/O Pin Power Dissipation
PI/O
User Determined
W
Power Dissipation(1)
PD
PD = (IDD x VDD) + PI/O =
K/(TJ + 273 °C)
W
Constant(2)
K
PD x(TA + 273 °C)
+ PD
2 x
θ
JA
W/
°C
Average Junction Temperature
TJ
TA + (PD x θJA)
°C
Maximum Junction Temperature
TJM
125
°C
NOTES:
1. Power dissipation is a function of temperature.
2. K is a constant unique to the device. K can be determined for a known TA and
measured PD. With this value of K, PD and TJ can be determined for any value of TA.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com