| Electronic Components Datasheet Search |
|
HC705E5GRS/D Datasheet(PDF) 65 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D Datasheet(HTML) 65 Page - NXP Semiconductors |
|
65 / 148 page ![]() Phase-Locked Loop (PLL) Synthesis Operation During Stop Mode MC68HC705E5 — Rev. 1.0 General Release Specification Phase-Locked Loop (PLL) Synthesis 9.4 Operation During Stop Mode The PLL is switched to low-frequency bus rate and is temporarily turned off when STOP is executed. Coming out of stop mode with an external IRQ, the PLL is turned on with the same configuration it had before going into STOP, with the exception of BCS which is reset. Otherwise, the PLL control register is in the reset condition. 9.5 Noise Immunity The MCU should be insulated as much as possible from noise in the system. We recommend the following steps be taken to help prevent problems due to noise injection. 1. The application environment should be designed so that the MCU is not near signal traces which switch often, such as a clock signal. 2. The oscillator circuit for the MCU should be placed as close as possible to the OSC1 and OSC2 pins on the MCU. 3. All power pins should be filtered (to minimize noise on these signals) by using bypass capacitors placed as close as possible to the MCU. See the application note Designing for Electromagnetic Compatibility (EMC) with HCMOS Microcontrollers available through the Motorola Literature Distribution Center, Motorola document number AN1050/D. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |