Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6310E/PTSQTP Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC18F6310E/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6310E/PTSQTP Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC18F6310E/PTSQTP Datasheet HTML 55Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 56Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 57Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 58Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 59Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 60Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 61Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 62Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 404 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39635A-page 57
PIC18F6310/6410/8310/8410
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable
Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
TOSU
6X10
8X10
---0 0000
---0 0000
---0 uuuu(3)
TOSH
6X10
8X10
0000 0000
0000 0000
uuuu uuuu(3)
TOSL
6X10
8X10
0000 0000
0000 0000
uuuu uuuu(3)
STKPTR
6X10
8X10
uu-0 0000
00-0 0000
uu-u uuuu(3)
PCLATU
6X10
8X10
---0 0000
---0 0000
---u uuuu
PCLATH
6X10
8X10
0000 0000
0000 0000
uuuu uuuu
PCL
6X10
8X10
0000 0000
0000 0000
PC + 2(2)
TBLPTRU
6X10
8X10
--00 0000
--00 0000
--uu uuuu
TBLPTRH
6X10
8X10
0000 0000
0000 0000
uuuu uuuu
TBLPTRL
6X10
8X10
0000 0000
0000 0000
uuuu uuuu
TABLAT
6X10
8X10
0000 0000
0000 0000
uuuu uuuu
PRODH
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODL
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTCON
6X10
8X10
0000 000x
0000 000u
uuuu uuuu(1)
INTCON2
6X10
8X10
1111 1111
1111 1111
uuuu uuuu(1)
INTCON3
6X10
8X10
1100 0000
1100 0000
uuuu uuuu(1)
INDF0
6X10
8X10
N/A
N/A
N/A
POSTINC0
6X10
8X10
N/A
N/A
N/A
POSTDEC0
6X10
8X10
N/A
N/A
N/A
PREINC0
6X10
8X10
N/A
N/A
N/A
PLUSW0
6X10
8X10
N/A
N/A
N/A
FSR0H
6X10
8X10
---- xxxx
---- uuuu
---- uuuu
FSR0L
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF1
6X10
8X10
N/A
N/A
N/A
POSTINC1
6X10
8X10
N/A
N/A
N/A
POSTDEC1
6X10
8X10
N/A
N/A
N/A
PREINC1
6X10
8X10
N/A
N/A
N/A
PLUSW1
6X10
8X10
N/A
N/A
N/A
FSR1H
6X10
8X10
---- xxxx
---- uuuu
---- uuuu
FSR1L
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
BSR
6X10
8X10
---- 0000
---- 0000
---- uuuu
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com