Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6310E/PTSQTP Datasheet(PDF) 62 Page - Microchip Technology

Part # PIC18F6310E/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6310E/PTSQTP Datasheet(HTML) 62 Page - Microchip Technology

Back Button PIC18F6310E/PTSQTP Datasheet HTML 58Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 59Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 60Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 61Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 62Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 63Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 64Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 65Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 404 page
background image
PIC18F6310/6410/8310/8410
DS39635A-page 60
Preliminary
 2004 Microchip Technology Inc.
TRISG
6X10
8X10
---1 1111
---1 1111
---u uuuu
TRISF
6X10
8X10
1111 1111
1111 1111
uuuu uuuu
TRISE
6X10
8X10
1111 1111
1111 1111
uuuu uuuu
TRISD
6X10
8X10
1111 1111
1111 1111
uuuu uuuu
TRISC
6X10
8X10
1111 1111
1111 1111
uuuu uuuu
TRISB
6X10
8X10
1111 1111
1111 1111
uuuu uuuu
TRISA(5)
6X10
8X10
1111 1111(5)
1111 1111(5)
uuuu uuuu(5)
LATJ
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATH
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATG
6X10
8X10
---x xxxx
---u uuuu
---u uuuu
LATF
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATE
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATD
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATC
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATB
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATA(5)
6X10
8X10
xxxx xxxx(5)
uuuu uuuu(5)
uuuu uuuu(5)
PORTJ
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTH
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTG
6X10
8X10
--xx xxxx
--uu uuuu
--uu uuuu
PORTF
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTE
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTD
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTB
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA(5)
6X10
8X10
xx0x 0000(5)
uu0u 0000(5)
uuuu uuuu(5)
SPBRGH1
6X10
8X10
0000 0000
0000 0000
uuuu uuuu
BAUDCON1
6X10
8X10
01-0 0-00
01-0 0-00
uu-u u-uu
SPBRG2
6X10
8X10
0000 0000
0000 0000
uuuu uuuu
RCREG2
6X10
8X10
0000 0000
0000 0000
uuuu uuuu
TXREG2
6X10
8X10
0000 0000
0000 0000
uuuu uuuu
TXSTA2
6X10
8X10
0000 0010
0000 0010
uuuu uuuu
RCSTA2
6X10
8X10
0000 000x
0000 000x
uuuu uuuu
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable
Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com