Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6310E/PTSQTP Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC18F6310E/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6310E/PTSQTP Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC18F6310E/PTSQTP Datasheet HTML 7Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 8Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 9Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 10Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 11Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 12Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 13Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 14Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 404 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39635A-page 9
PIC18F6310/6410/8310/8410
TABLE 1-1:
DEVICE FEATURES
Features
PIC18F6310
PIC18F6410
PIC18F8310
PIC18F8410
Operating Frequency
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
Program Memory (Bytes)
8K
16K
8K
16K
Program Memory (Instructions)
4096
8192
4096
8192
Data Memory (Bytes)
768
768
768
768
External Memory Interface
No
No
Yes
Yes
Interrupt Sources
22
22
22
22
I/O Ports
Ports A, B, C, D, E,
F, G
Ports A, B, C, D, E,
F, G
Ports A, B, C, D, E,
F, G, H, J
Ports A, B, C, D, E,
F, G, H, J
Timers
44
44
Capture/Compare/PWM Modules
3
3
3
3
Serial Communications
MSSP, AUSART
Enhanced USART
MSSP, AUSART
Enhanced USART
MSSP, AUSART
Enhanced USART
MSSP, AUSART
Enhanced USART
Parallel Communications
PSP
PSP
PSP
PSP
10-bit Analog-to-Digital Module
12 Input Channels 12 Input Channels 12 Input Channels 12 Input Channels
Resets (and Delays)
POR, BOR, RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR, RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR, RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR, RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
Programmable Low-Voltage Detect
Yes
Yes
Yes
Yes
Programmable Brown-out Reset
Yes
Yes
Yes
Yes
Instruction Set
75 Instructions;
83 with Extended
Instruction Set
enabled
75 Instructions;
83 with Extended
Instruction Set
enabled
75 Instructions;
83 with Extended
Instruction Set
enabled
75 Instructions;
83 with Extended
Instruction Set
enabled
Packages
64-pin TQFP
64-pin TQFP
80-pin TQFP
80-pin TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com