Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6310E/PTSQTP Datasheet(PDF) 110 Page - Microchip Technology

Part # PIC18F6310E/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6310E/PTSQTP Datasheet(HTML) 110 Page - Microchip Technology

Back Button PIC18F6310E/PTSQTP Datasheet HTML 106Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 107Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 108Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 109Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 110Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 111Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 112Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 113Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 404 page
background image
PIC18F6310/6410/8310/8410
DS39635A-page 108
Preliminary
 2004 Microchip Technology Inc.
REGISTER 9-6:
PIR3: PERIPHERAL INTERRUPT REQUEST (FLAG) REGISTER 3
U-0
U-0
R-0
R-0
U-0
U-0
U-0
R/W-0
—
—
RC2IF
TX2IF
—
—
—
CCP3IF
bit 7
bit 0
bit 7-6
Unimplemented: Read as ‘0’
bit 5
RC2IF: AUSART Receive Interrupt Flag bit
1
= The AUSART receive buffer, RCREG, is full (cleared when RCREG is read)
0
= The AUSART receive buffer is empty
bit 4
TX2IF: AUSART Transmit Interrupt Flag bit
1
= The AUSART transmit buffer, TXREG, is empty (cleared when TXREG is written)
0
= The AUSART transmit buffer is full
bit 3-1
Unimplemented: Read as ‘0’
bit 0
CCP3IF: CCP3 Interrupt Flag bit
Capture mode:
1
= A TMR1/TMR3 register capture occurred (must be cleared in software)
0
= No TMR1/TMR3 register capture occurred
Compare mode:
1
= A TMR1/TMR3 register compare match occurred (must be cleared in software)
0
= No TMR1/TMR3 register compare match occurred
PWM mode:
Unused in this mode.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com