Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6310E/PTSQTP Datasheet(PDF) 128 Page - Microchip Technology

Part # PIC18F6310E/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6310E/PTSQTP Datasheet(HTML) 128 Page - Microchip Technology

Back Button PIC18F6310E/PTSQTP Datasheet HTML 124Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 125Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 126Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 127Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 128Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 129Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 130Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 131Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 404 page
background image
PIC18F6310/6410/8310/8410
DS39635A-page 126
Preliminary
 2004 Microchip Technology Inc.
10.4
PORTD, TRISD and
LATD Registers
PORTD is an 8-bit wide, bidirectional port. The corre-
sponding data direction register is TRISD. Setting a
TRISD bit (= 1) will make the corresponding PORTD
pin an input (i.e., put the corresponding output driver in
a high-impedance mode). Clearing a TRISD bit (= 0)
will make the corresponding PORTD pin an output (i.e.,
put the contents of the output latch on the selected pin).
The Data Latch register (LATD) is also memory
mapped. Read-modify-write operations on the LATD
register read and write the latched output value for
PORTD.
All pins on PORTD are implemented with Schmitt
Trigger
input
buffers.
Each
pin
is
individually
configurable as an input or output.
In 80-pin devices, PORTD is multiplexed with the
system bus as part of the external memory interface.
I/O port and other functions are only available when the
interface is disabled by setting the EBDIS bit
(MEMCON<7>). When the interface is enabled,
PORTD is the low-order byte of the multiplexed
address/data bus (AD7:AD0). The TRISD bits are also
overridden.
PORTD can also be configured to function as an 8-bit
wide parallel microprocessor port by setting the
PSPMODE control bit (PSPCON<4>). In this mode,
parallel port data takes priority over other digital I/O (but
not the external memory interface). When the parallel
port is active, the input buffers are TTL. For more
information, refer to Section 10.10 “Parallel Slave
Port”.
EXAMPLE 10-4:
INITIALIZING PORTD
Note:
On a Power-on Reset, these pins are
configured as digital inputs.
CLRF
PORTD
; Initialize PORTD by
; clearing output
; data latches
CLRF
LATD
; Alternate method
; to clear output
; data latches
MOVLW
0CFh
; Value used to
; initialize data
; direction
MOVWF
TRISD
; Set RD<3:0> as inputs
; RD<5:4> as outputs
; RD<7:6> as inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com