Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6310E/PTSQTP Datasheet(PDF) 135 Page - Microchip Technology

Part # PIC18F6310E/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6310E/PTSQTP Datasheet(HTML) 135 Page - Microchip Technology

Back Button PIC18F6310E/PTSQTP Datasheet HTML 131Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 132Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 133Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 134Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 135Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 136Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 137Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 138Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 404 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39635A-page 133
PIC18F6310/6410/8310/8410
TABLE 10-11: PORTF FUNCTIONS
TABLE 10-12: SUMMARY OF REGISTERS ASSOCIATED WITH PORTF
Pin Name
Function
TRIS
Setting
I/O
I/O
Type
Description
RF0/AN5
RF0
0
O
DIG
LATF<0> data output; not affected by analog input.
1
I
ST
PORTF<0> data input; disabled when analog input enabled.
AN5
1
I
ANA
A/D input channel 5. Default configuration on POR.
RF1/AN6/C2OUT
RF1
0
O
DIG
LATF<1> data output; not affected by analog input.
1
I
ST
PORTF<1> data input; disabled when analog input enabled.
AN6
1
I
ANA
A/D input channel 6. Default configuration on POR.
C2OUT
0
O
DIG
Comparator 2 output; takes priority over port data.
RF2/AN7/C1OUT
RF2
0
O
DIG
LATF<2> data output; not affected by analog input.
1
I
ST
PORTF<2> data input; disabled when analog input enabled.
AN7
1
I
ANA
A/D input channel 7. Default configuration on POR.
C1OUT
0
O
TTL
Comparator 1 output; takes priority over port data.
RF3/AN8
RF3
0
O
DIG
LATF<3> data output; not affected by analog input.
1
I
ST
PORTF<3> data input; disabled when analog input enabled.
AN8
1
I
ANA
A/D input channel 8 and Comparator C2+ input. Default input
configuration on POR; not affected by analog output.
RF4/AN9
RF4
0
O
DIG
LATF<4> data output; not affected by analog input.
1
I
ST
PORTF<4> data input; disabled when analog input enabled.
AN9
1
I
ANA
A/D input channel 9 and Comparator C2- input. Default input
configuration on POR; does not affect digital output.
RF5/AN10/CVREF
RF5
0
O
DIG
LATF<5> data output; not affected by analog input. Disabled when
CVREF output enabled.
1
I
ST
PORTF<5> data input; disabled when analog input enabled. Disabled
when CVREF output enabled
AN10
1
I
ANA
A/D input channel 10 and Comparator C1+ input. Default input
configuration on POR.
CVREF
x
O
ANA
Comparator voltage reference output. Enabling this feature disables
digital I/O.
RF6/AN11
RF6
0
O
DIG
LATF<6> data output; not affected by analog input.
1
I
ST
PORTF<6> data input; disabled when analog input enabled.
AN11
1
I
ANA
A/D input channel 11 and Comparator C1- input. Default input
configuration on POR; does not affect digital output.
RF7/SS
RF7
0
O
DIG
LATF<7> data output.
1
I
ST
PORTF<7> data input.
SS
1
I
TTL
Slave select input for SSP (MSSP module).
Legend:
PWR = Power Supply, O = Output, I = Input, ANA = Analog Signal, DIG = Digital Output, ST = Schmitt Buffer Input,
TTL = TTL Buffer Input, x = Don’t care (TRIS bit does not affect port direction or is overridden for this option).
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset Values
on Page
TRISF
PORTF Data Direction Control Register
60
PORTF
Read PORTF pin/Write PORTF Data Latch
60
LATF
Read PORTF Data Latch/Write PORTF Data Latch
60
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
58
CMCON
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
59
CVRCON
CVREN
CVROE
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
59
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PORTF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com