Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P87LPC778FDH Datasheet(PDF) 40 Page - NXP Semiconductors

Part # P87LPC778FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778FDH Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button P87LPC778FDH Datasheet HTML 36Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 37Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 38Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 39Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 40Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 41Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 42Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 43Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
40 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.10.4
On-chip RC oscillator option
The on-chip RC oscillator option has a typical frequency of 6 MHz and can be divided
down for slower operation through the use of the DIVM register. A clock output on the
X2 / P2.0 pin may be enabled when the on-chip RC oscillator is used.
8.10.5
External clock input option
In this configuration, the processor clock is input from an external source driving the
X1 / P2.1 pin. The rate may be from 0 Hz up to 20 MHz when VDD is above 4.5 V and
up to 10 MHz when VDD is below 4.5 V. When the external clock input mode is used,
the X2 / P2.0 pin may be used as a standard port pin. A clock output on the X2 / P2.0
pin may be enabled when the external clock input is used.
8.10.6
Clock output
The P87LPC778 supports a clock output function when either the on-chip RC
oscillator or external clock input options are selected. This allows external devices to
synchronize to the P87LPC778. When enabled, via the ENCLK bit in the P2M1
register, the clock output appears on the X2 / CLKOUT pin whenever the on-chip
oscillator is running, including in Idle mode. The frequency of the clock output is 1
⁄
6 of
the CPU clock rate. If the clock output is not needed in Idle mode, it may be turned off
prior to entering Idle, saving additional power. The clock output may also be enabled
when the external clock input option is selected.
Table 39:
Recommended oscillator capacitors for use with the high frequency oscillator option
Oscillator
Frequency
VDD = 2.7 V to 4.5 V
VDD = 4.5 V to 5.5 V
Lower Limit
Optimal Value
Upper Limit
Lower Limit
Optimal Value
Upper Limit
4 MHz
15 pF
33 pF
47 pF
15 pF
33 pF
68 pF
8 MHz
15 pF
15 pF
33 pF
15 pF
33 pF
47 pF
16 MHz
-
-
-
15 pF
15 pF
33 pF
20 MHz
-
-
-
15 pF
15 pF
33 pF
The oscillator must be configured in one of the following modes: Low frequency crystal,
medium frequency crystal, or high frequency crystal.
(1) A series resistor may be required to limit crystal drive levels. This is especially important
for low frequency crystals (see text).
Fig 14. Using the crystal oscillator.
002aaa632
87LPC77x
X1
X2
quartz crystal or
ceramic resonator
[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com