Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P87LPC778FDH Datasheet(PDF) 65 Page - NXP Semiconductors

Part # P87LPC778FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778FDH Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button P87LPC778FDH Datasheet HTML 61Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 62Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 63Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 64Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 65Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 66Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 67Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 68Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
65 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.17 Additional features
The AUXR1 register contains several special purpose control bits that relate to
several chip features. AUXR1 is described in Tables 58 and 59.
Table 57:
Watchdog rate select clock time
WDS[2:0]
Timeout clocks
Minimum time
Nominal time
Maximum time
0 0 0
8,192
10 ms
16 ms
23 ms
0 0 1
16,384
20 ms
32 ms
45 ms
0 1 0
32,768
41 ms
65 ms
90 ms
0 1 1
65,536
82 ms
131 ms
180 ms
1 0 0
131,072
165 ms
262 ms
360 ms
1 0 1
262,144
330 ms
524 ms
719 ms
1 1 0
524,288
660 ms
1.05 sec
1.44 sec
1 1 1
1,048,576
1.3 sec
2.1 sec
2.9 sec
Table 58:
AUXR1 - AUXR1 register (address A2H) bit allocation
Not bit addressable; Reset value: 00H
Bit
7
6
5
4
3
2
1
0
Symbol
KBF
BOD
BOI
LPEP
SRST
0
-
DPS
Table 59:
AUXR1 - AUXR1 register (address A2H) bit description
Bit
Symbol
Description
7
KBF
Keyboard Interrupt Flag. Set when any pin of port 0 that is enabled
for the Keyboard Interrupt function goes LOW. Must be cleared by
software.
6
BOD
Brown Out Disable. When set, turns off brownout detection and
saves power. See Section 8.11 “Power monitoring functions” on
page 42 for details.
5
BOI
Brown Out Interrupt. When set, prevents brownout detection from
causing a chip reset and allows the brownout detect function to be
used as an interrupt. See Section 8.11 “Power monitoring
functions” on page 42 for details.
4
LPEP
Low Power EPROM control bit. Allows power savings in low
voltage systems. Set by software. Can only be cleared by
Power-on or brownout reset. See Section 8.12 “Power reduction
modes” on page 43 for details.
3
SRST
Software Reset. When set by software, resets the P87LPC778 as
if a hardware reset occurred.
2
0
This bit contains a hard-wired 0. Allows toggling of the DPS bit by
incrementing AUXR1, without interfering with other bits in the
register.
1
-
Reserved for future use. Should not be set to ‘1’ by user programs.
0
DPS
Data Pointer Select. Chooses one of two Data Pointers for use by
the program. See text for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com