Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P87LPC778FDH Datasheet(PDF) 47 Page - NXP Semiconductors

Part # P87LPC778FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778FDH Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button P87LPC778FDH Datasheet HTML 43Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 44Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 45Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 46Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 47Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 48Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 49Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 50Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
47 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.14.1
Mode 0
Putting either Timer into Mode 0 makes it look like an 8048 Timer, which is an 8-bit
Counter with a divide-by-32 prescaler. Figure 19 shows Mode 0 operation.
In this mode, the Timer register is configured as a 13-bit register. As the count rolls
over from all 1s to all 0s, it sets the Timer interrupt flag TFn. The count input is
enabled to the Timer when TRn = 1 and either GATE = 0 or INTn = 1. (Setting
GATE = 1 allows the Timer to be controlled by external input INTn, to facilitate pulse
width measurements). TRn is a control bit in the Special Function Register TCON
(Tables 46 and 47). The GATE bit is in the TMOD register.
The 13-bit register consists of all 8 bits of THn and the lower 5 bits of TLn. The upper
3 bits of TLn are indeterminate and should be ignored. Setting the run flag (TRn)
does not clear the registers.
Mode 0 operation is the same for Timer0 and Timer1. See Figure 19. There are two
different GATE bits, one for Timer1 (TMOD.7) and one for Timer0 (TMOD.3).
Table 43:
TMOD - Timer/counter mode control register (address 89H) bit allocation
Not bit addressable; Reset value: 00H
Bit
7
6
5
4
3
2
1
0
Symbol
GATE
C/TM1
M0
GATE
C/TM1
M0
Table 44:
TMOD - Timer/counter mode control register (address 89H) bit description
Bit
Symbol
Description
7
GATE
Gating control for Timer1. When set, Timer/Counter is enabled
only while the INT1 pin is high and the TR1 control pin is set.
When cleared, Timer1 is enabled when the TR1 control bit is set.
6C/T
Timer or Counter Selector for Timer1. Cleared for Timer operation
(input from internal system clock.) Set for Counter operation (input
from T1 input pin).
5, 4
M1, M0
Mode select for Timer1 (see Table 45 below).
3
GATE
Gating control for Timer0. When set, Timer/Counter is enabled
only while the INT0 pin is high and the TR0 control pin is set.
When cleared, Timer0 is enabled when the TR0 control bit is set.
2C/T
Timer or Counter Selector for Timer0. Cleared for Timer operation
(input from internal system clock.) Set for Counter operation (input
from T0 input pin).
1, 0
M1, M0
Mode Select for Timer0 (see Table 45 below).
Table 45:
M1, M0 timer mode
M1, M0
Timer mode
0 0
8048 Timer ‘TLn’ serves as 5-bit prescaler.
0 1
16-bit Timer/Counter ‘THn’ and ‘TLn’ are cascaded; there is no prescaler.
1 0
8-bit auto-reload Timer/Counter. THn holds a value which is loaded into
TLn when it overflows.
1 1
Timer0 is a dual 8-bit Timer/Counter in this mode. TL0 is an 8-bit
Timer/Counter controlled by the standard Timer0 control bits. TH0 is an
8-bit timer only, controlled by the Timer1 control bits (see text). Timer1 in
this mode is stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com