Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P87LPC778FDH Datasheet(PDF) 23 Page - NXP Semiconductors

Part # P87LPC778FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778FDH Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button P87LPC778FDH Datasheet HTML 19Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 20Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 21Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 22Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 23Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 24Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 25Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 26Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
23 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
the case of two digits following ‘CPSW,’ e.g. CPSW0.0, the second digit refers to the
bit of the compare value. Thus CPSW0.0 represents the value loaded into bit 0 of the
PWM0 compare register.
The overall functioning of the PWM module is controlled by the contents of the
PWMCON0 register. The operation of most of the control bits is straightforward.
For example there is an invert bit for each output which causes results in the output to
have the opposite value compared to its non-inverted output.
The transfer of the data from the shadow registers to the control registers is
controlled by the Transfer bit; PWMCON0.6, the actual transfer will happen on the first
underflow after the transfer bit is set.
The user can monitor when underflow causes the transfer to occur by monitoring the
Transfer bit; PWCON0.6. When the transfer takes place the PWM logic automatically
resets this bit.
The Run bit; PWMCON0.7 allows the counter of the PWM to be either in the run or
idle state.
The fact that the transfer from the shadow to the working registers only occurs when
there is an underflow in the counter results in the need for the user’s program to
observe the following precautions.
Table 13:
CPSW0 - Compare shadow register 0 (address 0D3H) bit allocation
Bit addressable; Reset value: 00H
Bit
7
6
5
4
3
2
1
0
Symbol
CPSW07
CPSW06
CPSW05
CPSW04
CPSW03
CPSW02
CPSW01
CPSW00
Table 14:
CPSW1 - Compare shadow register 1 (address 0D4H) bit allocation
Bit addressable; Reset value: 00H
Bit
7
6
5
4
3
2
1
0
Symbol
CPSW17
CPSW16
CPSW15
CPSW14
CPSW13
CPSW12
CPSW11
CPSW10
Table 15:
CPSW2 - Compare shadow register 2 (address 0D5H) bit allocation
Bit addressable; Reset value: 00H
Bit
7
6
5
4
3
2
1
0
Symbol
CPSW27
CPSW26
CPSW25
CPSW24
CPSW23
CPSW22
CPSW21
CPSW20
Table 16:
CPSW3 - Compare shadow register 3 (address 0D6H) bit allocation
Bit addressable; Reset value: 00H
Bit
7
6
5
4
3
2
1
0
Symbol
CPSW37
CPSW36
CPSW35
CPSW34
CPSW33
CPSW32
CPSW31
CPSW30
Table 17:
CPSW4 - Compare shadow register 4 (address 0D7H) bit allocation
Bit addressable; Reset value: 00H
Bit
7
6
5
4
3
2
1
0
Symbol
CPSW39
CPSW38
CPSW29
CPSW28
CPSW19
CPSW18
CPSW09
CPSW08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com