Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P87LPC778FDH Datasheet(PDF) 30 Page - NXP Semiconductors

Part # P87LPC778FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778FDH Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button P87LPC778FDH Datasheet HTML 26Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 27Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 28Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 29Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 30Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 31Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 32Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 33Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
30 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
CSTP — Writing a ‘1’ to ‘Clear SToP’ clears the STP bit. Note that if one or more of
DRDY, ARL, STR, or STP is ‘1’, the low time of SCL is stretched until the service
routine responds by clearing them.
XSTR — Writing ‘1’s to ‘Xmit repeated STaRt’ and CDR tells the I2C-bus hardware to
send a repeated start condition. This should only be at a master. Note that XSTR
need not and should not be used to send an ‘initial’ (non-repeated) start; it is sent
automatically by the I2C-bus hardware. Writing XSTR = 1 includes the effect of writing
I2DAT with XDAT = 1; it sets Transmit Active and releases SDA to HIGH during the
SCL low time. After SCL goes HIGH, the I2C-bus hardware waits for the suitable
minimum time and then drives SDA low to make the start condition.
XSTP — Writing 1s to ‘Xmit SToP’ and CDR tells the I2C-bus hardware to send a stop
condition. This should only be done at a master. If there are no more messages to
initiate, the service routine should clear the MASTRQ bit in I2CFG to ‘0’ before writing
XSTP with ‘1’. Writing XSTP = 1 includes the effect of writing I2DAT with XDAT = 0; it
sets Transmit Active and drives SDA low during the SCL low time. After SCL goes
HIGH, the I2C-bus hardware waits for the suitable minimum time and then releases
SDA to HIGH to make the stop condition.
8.7.6
Regarding software response time
Because the P87LPC778 can run at 20 MHz, and because the I2C-bus interface is
optimized for high-speed operation, it is quite likely that an I2C-bus service routine will
sometimes respond to DRDY (which is set at a rising edge of SCL) and write I2DAT
before SCL has gone low again. If XDAT were applied directly to SDA, this situation
would produce an I2C-bus protocol violation. The programmer need not worry about
this possibility because XDAT is applied to SDA only when SCL is low.
Conversely, a program that includes an I2C-bus service routine may take a long time
to respond to DRDY. Typically, an I2C-bus routine operates on a flag-polling basis
during a message, with interrupts from other peripheral functions enabled. If an
interrupt occurs, it will delay the response of the I2C-bus service routine. The
programmer need not worry about this very much either, because the I2C-bus
hardware stretches the SCL low time until the service routine responds. The only
constraint on the response is that it must not exceed the Timer I time-out.
Table 25:
I2DAT - I2C-bus data register (address D9H) bit allocation
Not bit addressable; Reset value: xxH
Bit
7
6
5
4
3
2
1
0
Symbol (R)
RDAT
-------
Symbol (W)
XDAT
-------
Table 26:
I2DAT - I2C-bus data register (address D9H) bit description
Bit
Symbol
Access
Description
7
RDAT
R
The most recently received data bit, captured from SDA at
every rising edge of SCL. Reading I2DAT also clears DRDY
and the Transmit Active state.
XDAT
W
Sets the data for the next transmitted bit. Writing I2DAT also
clears DRDY and sets the Transmit Active state.
6 to 0 -
-
Reserved for future use. Should not be set to ‘1’ by user
programs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com