Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD404828RFS Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # HD404828RFS
Description  AS Microcomputer Incorporating a LCD controller/Driver Circuit
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404828RFS Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button HD404828RFS Datasheet HTML 34Page - Renesas Technology Corp HD404828RFS Datasheet HTML 35Page - Renesas Technology Corp HD404828RFS Datasheet HTML 36Page - Renesas Technology Corp HD404828RFS Datasheet HTML 37Page - Renesas Technology Corp HD404828RFS Datasheet HTML 38Page - Renesas Technology Corp HD404828RFS Datasheet HTML 39Page - Renesas Technology Corp HD404828RFS Datasheet HTML 40Page - Renesas Technology Corp HD404828RFS Datasheet HTML 41Page - Renesas Technology Corp HD404828RFS Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 149 page
background image
HD404829R Series
36
Direct Transition from Subactive Mode to Active Mode: Available by controlling the direct transfer on
flag (DTON: $020, bit 3) and the low speed on flag (LSON: $020, bit 0). The procedures are described
below:
• Set LSON to 0 and DTON to 1 in subactive mode.
• Execute the STOP or SBY instruction.
• The MCU automatically enters active mode from subactive mode after waiting for the MCU internal
processing time and oscillation stabilization time (figure 19).
Notes: 1. The DTON flag can be set only in subactive mode. It is always reset in active mode.
2. The transition time (TD) from subactive mode to active mode:
tRC < TD < T + tRC
Bit
Initial value
Read/Write
Bit name
3
0
W
MIS3
2
0
W
MIS2
0
0
W
MIS0
1
0
W
MIS1
Miscellaneous register (MIS: $00C)
MIS1
0
MIS0
T *
0
0.24414 ms
tRC
0.12207 ms
0.24414 ms
7.8125 ms
31.25 ms
Not used
Oscillation circuit conditions
External clock input
Ceramic oscillator
Crystal oscillator
0
1
1
1
0
1
15.625 ms
62.5 ms
Not used
—
Notes: 1.
2.
Values of T and tRC when a 32.768-kHz crystal oscillator is used to pins ×1 and ×2.
The value is applied only when direct transfer operation is used.
Buffer control.
Refer to figure 41.
MIS3
MIS2
1
* 1
* 2
Figure 18 Miscellaneous Register (MIS)
Subactive mode
Interrupt strobe
Direct transfer
completion timing
MCU internal
processing time
Oscillation
stabilization
time
Active mode
T
T
t
RC
T:
t
:
T :
RC
D
D
STOP/SBY instruction execution
(Set LSON = 0, DTON = 1)
Interrupt frame length
Oscillation stabilization period
Direct transition time
Figure 19 Direct Transition Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com