Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD404828RFS Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # HD404828RFS
Description  AS Microcomputer Incorporating a LCD controller/Driver Circuit
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404828RFS Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button HD404828RFS Datasheet HTML 94Page - Renesas Technology Corp HD404828RFS Datasheet HTML 95Page - Renesas Technology Corp HD404828RFS Datasheet HTML 96Page - Renesas Technology Corp HD404828RFS Datasheet HTML 97Page - Renesas Technology Corp HD404828RFS Datasheet HTML 98Page - Renesas Technology Corp HD404828RFS Datasheet HTML 99Page - Renesas Technology Corp HD404828RFS Datasheet HTML 100Page - Renesas Technology Corp HD404828RFS Datasheet HTML 101Page - Renesas Technology Corp HD404828RFS Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 149 page
background image
HD404829R Series
96
Bit
Initial value
Read/Write
Bit name
3
0
R
ADRL3
2
0
R
ADRL2
0
0
R
ADRL0
1
0
R
ADRL1
A/D data register (lower digit) (ADRL: $017)
Figure 84 A/D Data Register Lower Digit (ADRL)
Bit
Initial value
Read/Write
Bit name
A/D data register (upper digit) (ADRU: $018)
2
0
R
ADRU2
1
0
R
ADRU1
0
0
R
ADRU0
3
1
R
ADRU3
Figure 85 A/D Data Register Upper Digit (ADRU)
A/D Start Flag (ADSF: $020, Bit 2): One-bit flag that initiates A/D conversion when set to 1. At the
completion of A/D conversion, the converted data is stored in the A/D data register and the A/D start flag is
cleared. Refer to figure 86.
Bit
Initial value
Read/Write
Bit name
3
0
R/W
DTON
2
0
R/W
ADSF
0
0
R/W
LSON
1
0
R/W
WDON
A/D start flag (ADSF: $020, bit 2)
1
0
ADSF (A/D start flag)
A/D conversion started
A/D conversion completed
Refer to the description of operating
modes
DTON
Refer to the description of timers
WDON
Refer to the description of operating
modes
LSON
Figure 86 A/D Start Flag (ADSF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com