Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD404828RFS Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD404828RFS
Description  AS Microcomputer Incorporating a LCD controller/Driver Circuit
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404828RFS Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD404828RFS Datasheet HTML 2Page - Renesas Technology Corp HD404828RFS Datasheet HTML 3Page - Renesas Technology Corp HD404828RFS Datasheet HTML 4Page - Renesas Technology Corp HD404828RFS Datasheet HTML 5Page - Renesas Technology Corp HD404828RFS Datasheet HTML 6Page - Renesas Technology Corp HD404828RFS Datasheet HTML 7Page - Renesas Technology Corp HD404828RFS Datasheet HTML 8Page - Renesas Technology Corp HD404828RFS Datasheet HTML 9Page - Renesas Technology Corp HD404828RFS Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 149 page
background image
HD404829R Series
4
List of Functions
Product name
HD404828R
HD4048212R
HD404829R
HD4074829
ROM (Words)
8,192
12,288
16,384
16,384PROM
RAM (Digits)
1,876
I/O
44 (max)
Large-current I/O pins
10 (Sink 15 mA max)
LCD segment multiplexed pins
20
Timer / Counter
4
Input capture
8 bit
× 1
Timer output
3 (PWM output possible for 2)
Event input
2 (edge selection possible for 1)
Serial interface
1 (8-bit syncronous)
A/D converter
8 bit
× 4 channels
LCD controller / driver circuit
Max. 52 seg
× 4 com
Interrupts
External
5 (edge selection possible for 3)
Internal
6
Low-Power Dissipation Mode
4
Stop mode
O
Watch mode
O
Standby mode
O
Subactive mode
O
Main Oscillator
Ceramic oscillation
O (0.4–4.2MHz)
Crystal oscillation
O (0.4–4.2MHz)
—
Sub oscillator
Crystal oscillation
O (32.768 kHz)
Minimum instruction execution time
0.95
µs (f
OSC = 4.2 MHz)
Operating voltage (V)
2.7 to 6.0
2.7 to 5.5
Package
100-pin plastic QFP (FP-100B)
100-pin plastic QFP (FP-100A)
100-pin plastic TQFP (TFP-100B)
Guaranteed operation temperature
(˚C)
–20 to +75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com