Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD404828RFS Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # HD404828RFS
Description  AS Microcomputer Incorporating a LCD controller/Driver Circuit
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404828RFS Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button HD404828RFS Datasheet HTML 81Page - Renesas Technology Corp HD404828RFS Datasheet HTML 82Page - Renesas Technology Corp HD404828RFS Datasheet HTML 83Page - Renesas Technology Corp HD404828RFS Datasheet HTML 84Page - Renesas Technology Corp HD404828RFS Datasheet HTML 85Page - Renesas Technology Corp HD404828RFS Datasheet HTML 86Page - Renesas Technology Corp HD404828RFS Datasheet HTML 87Page - Renesas Technology Corp HD404828RFS Datasheet HTML 88Page - Renesas Technology Corp HD404828RFS Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 149 page
background image
HD404829R Series
83
÷2
÷8
÷32
÷128
÷512
÷2048
Data bus
Clock line
Signal line
Serial mode
register B
(SMRB)
SCK
øPER
Idle controll
logic
Serial mode
register A
(SMRA)
Clock
Serial data
register (SRL/U)
Serial interrupt
request flag
(IFS)
1/2
1/2
SI
System
clock
SO
Octal
counter (OC)
I/O controll
logic
Transfer
control
Figure 70 Block Diagram of Serial Interface
Serial Interface Operation
Selecting and Changing the Operating Mode: table 22 lists the serial interface’s operating modes. To
select an operating mode, use one of these combinations of port mode register A (PMRA: $004) and serial
mode register A (SMRA: $005) settings; to change the operating mode, always initialize the serial interface
internally by writing data to serial mode register A. Note that the serial interface is initialized by writing
data to serial mode register A. Refer to the following Serial Mode Register A section for details.
Pin Setting: The R21/SCK pin is controlled by writing data to serial mode register A (SMRA: $005). The
R22/SI and R23/SO pins are controlled by writing data to port mode register A (PMRA: $004). Refer to the
following Registers for Serial Interface section for details.
Transmit Clock Source Setting: The transmit clock source is set by writing data to serial mode register A
(SMRA: $005) and serial mode register B (SMRB: $028). Refer to the following Registers for Serial
Interface section for details.
Data Setting: Transmit data is set by writing data to the serial data register (SRL: $006, SRU: $007).
Receive data is obtained by reading the contents of the serial data register. The serial data is shifted by the
transmit clock and is input from or output to an external system.
The output level of the SO pin is invalid until the first data is output after MCU reset, or until the output
level control in idle states is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com