Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD404828RFS Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # HD404828RFS
Description  AS Microcomputer Incorporating a LCD controller/Driver Circuit
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404828RFS Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button HD404828RFS Datasheet HTML 41Page - Renesas Technology Corp HD404828RFS Datasheet HTML 42Page - Renesas Technology Corp HD404828RFS Datasheet HTML 43Page - Renesas Technology Corp HD404828RFS Datasheet HTML 44Page - Renesas Technology Corp HD404828RFS Datasheet HTML 45Page - Renesas Technology Corp HD404828RFS Datasheet HTML 46Page - Renesas Technology Corp HD404828RFS Datasheet HTML 47Page - Renesas Technology Corp HD404828RFS Datasheet HTML 48Page - Renesas Technology Corp HD404828RFS Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 149 page
background image
HD404829R Series
43
Bit
Initial value
Read/Write
Bit name
3
0
W
SSR3
2
0
W
SSR2
0
—
—
—
1
—
—
—
System clock select register (SSR: $029)
SSR2
0
1
ratio selection
fSUB = fX/8
fSUB = fX/4
SSR3
0
1
32-kHz oscillation stop
Oscillation operates in stop mode
Oscillation stops in stop mode
SSR1
0
1
System clock selection
fOSC = 400 kHz to 1 MHz
fOSC = 1.6 to 4.2 MHz
32-kHz oscillation division
Note: SSR3 is cleared only by a RESET input. SSR3 will not be cleared
by a STOPC input duringstop mode, and will retain its value.
SSR3 will also not be cleared upon entering stop mode.
Figure 27 System Clock Select Register (SSR)
D0
GND
X2
X1
RESET
OSC2
OSC1
TEST
AVSS
GND
Figure 28 Typical Layouts of Crystal and Ceramic Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com