Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD404828RFS Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # HD404828RFS
Description  AS Microcomputer Incorporating a LCD controller/Driver Circuit
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404828RFS Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button HD404828RFS Datasheet HTML 69Page - Renesas Technology Corp HD404828RFS Datasheet HTML 70Page - Renesas Technology Corp HD404828RFS Datasheet HTML 71Page - Renesas Technology Corp HD404828RFS Datasheet HTML 72Page - Renesas Technology Corp HD404828RFS Datasheet HTML 73Page - Renesas Technology Corp HD404828RFS Datasheet HTML 74Page - Renesas Technology Corp HD404828RFS Datasheet HTML 75Page - Renesas Technology Corp HD404828RFS Datasheet HTML 76Page - Renesas Technology Corp HD404828RFS Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 149 page
background image
HD404829R Series
71
• Timer mode register C2 (TMC2: $014): Three-bit read/write register that selects the timer C output
mode as shown in figure 56. It is reset to $0 by MCU reset.
• Timer write register C (TWCL: $00E, TWCU: $00F): Write-only register consisting of the lower digit
(TWCL) and the upper digit (TWCU). The operation of timer write register C is basically the same as
that of timer write register B (TWBL: $00A, TWBU: $00B).
• Timer read register C (TRCL: $00E, TRCU: $00F): Read-only register consisting of the lower digit
(TRCL) and the upper digit (TRCU) that holds the count of the timer C upper digit. The operation of
timer read register C is basically the same as that of timer read register B (TRBL: $00A, TRBU: $00B).
Bit
Initial value
Read/Write
Bit name
3
—
—
Not used
2
0
R/W
TMC22
0
0
R/W
TMC20
1
0
R/W
TMC21
Timer mode register C2 (TMC2: $014)
TMC22
0
TMC21
R11/TOC mode selection
R11
TOC
TOC
TOC
—
TOC
R11 port
Toggle output
0 output
1 output
Not used
PWM output
TMC20
0
1
0
1
0
1
0
1
0
1
10
1
Figure 56 Timer Mode Register C2 (TMC2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com