Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QT4MPE Datasheet(PDF) 127 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 127 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 123Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 124Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 125Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 126Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 127Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 128Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 129Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 130Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 184 page
background image
Input/Output Registers
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
127
14.9.1 TIM Status and Control Register
The TIM status and control register (TSC) does the following:
•
Enables TIM overflow interrupts
•
Flags TIM overflows
•
Stops the TIM counter
•
Resets the TIM counter
•
Prescales the TIM counter clock
TOF — TIM Overflow Flag Bit
This read/write flag is set when the TIM counter reaches the modulo value programmed in the TIM
counter modulo registers. Clear TOF by reading the TIM status and control register when TOF is set
and then writing a 0 to TOF. If another TIM overflow occurs before the clearing sequence is complete,
then writing 0 to TOF has no effect. Therefore, a TOF interrupt request cannot be lost due to
inadvertent clearing of TOF. Reset clears the TOF bit. Writing a 1 to TOF has no effect.
1 = TIM counter has reached modulo value
0 = TIM counter has not reached modulo value
TOIE — TIM Overflow Interrupt Enable Bit
This read/write bit enables TIM overflow interrupts when the TOF bit becomes set. Reset clears the
TOIE bit.
1 = TIM overflow interrupts enabled
0 = TIM overflow interrupts disabled
TSTOP — TIM Stop Bit
This read/write bit stops the TIM counter. Counting resumes when TSTOP is cleared. Reset sets the
TSTOP bit, stopping the TIM counter until software clears the TSTOP bit.
1 = TIM counter stopped
0 = TIM counter active
NOTE
Do not set the TSTOP bit before entering wait mode if the TIM is required
to exit wait mode. When the TSTOP bit is set and the timer is configured for
input capture operation, input captures are inhibited until the TSTOP bit is
cleared.
When using TSTOP to stop the timer counter, see if any timer flags are set.
If a timer flag is set, it must be cleared by clearing TSTOP, then clearing the
flag, then setting TSTOP again.
Address: $0020
Bit 7
654321
Bit 0
Read:
TOF
TOIE
TSTOP
00
PS2
PS1
PS0
Write:
0
TRST
Reset:
00100000
= Unimplemented
Figure 14-4. TIM Status and Control Register (TSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com