Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QT4MPE Datasheet(PDF) 131 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 131 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 127Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 128Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 129Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 130Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 131Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 132Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 133Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 134Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 135Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 184 page
background image
Input/Output Registers
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
131
When ELSxB:A = 00, this read/write bit selects the initial output level of the TCHx pin (see Table 14-3).
Reset clears the MSxA bit.
1 = Initial output level low
0 = Initial output level high
NOTE
Before changing a channel function by writing to the MSxB or MSxA bit, set
the TSTOP and TRST bits in the TIM status and control register (TSC).
ELSxB and ELSxA — Edge/Level Select Bits
When channel x is an input capture channel, these read/write bits control the active edge-sensing logic
on channel x.
When channel x is an output compare channel, ELSxB and ELSxA control the channel x output
behavior when an output compare occurs.
When ELSxB and ELSxA are both clear, channel x is not connected to an I/O port, and pin TCHx is
available as a general-purpose I/O pin. Table 14-3 shows how ELSxB and ELSxA work. Reset clears
the ELSxB and ELSxA bits.
NOTE
After initially enabling a TIM channel register for input capture operation
and selecting the edge sensitivity, clear CHxF to ignore any erroneous
edge detection flags.
TOVx — Toggle-On-Overflow Bit
When channel x is an output compare channel, this read/write bit controls the behavior of the channel
x output when the TIM counter overflows. When channel x is an input capture channel, TOVx has no
effect Reset clears the TOVx bit.
1 = Channel x pin toggles on TIM counter overflow.
0 = Channel x pin does not toggle on TIM counter overflow.
NOTE
When TOVx is set, a TIM counter overflow takes precedence over a
channel x output compare if both occur at the same time.
Table 14-3. Mode, Edge, and Level Selection
MSxB
MSxA
ELSxB
ELSxA
Mode
Configuration
X0
0
0
Output preset
Pin under port control; initial output level high
X
1
0
0
Pin under port control; initial output level low
00
0
1
Input capture
Capture on rising edge only
0
0
1
0
Capture on falling edge only
0
0
1
1
Capture on rising or falling edge
01
0
0
Output compare
or PWM
Software compare only
0
1
0
1
Toggle output on compare
0
1
1
0
Clear output on compare
0
1
1
1
Set output on compare
1X
0
1
Buffered output
compare or
buffered PWM
Toggle output on compare
1
X
1
0
Clear output on compare
1
X
1
1
Set output on compare



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com