Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QT4MPE Datasheet(PDF) 130 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 130 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 126Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 127Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 128Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 129Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 130Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 131Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 132Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 133Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 134Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 184 page
background image
Timer Interface Module (TIM)
MC68HC908QY/QT Family Data Sheet, Rev. 5
130
Freescale Semiconductor
CHxF — Channel x Flag Bit
When channel x is an input capture channel, this read/write bit is set when an active edge occurs on
the channel x pin. When channel x is an output compare channel, CHxF is set when the value in the
TIM counter registers matches the value in the TIM channel x registers.
Clear CHxF by reading the TIM channel x status and control register with CHxF set and then writing
a 0 to CHxF. If another interrupt request occurs before the clearing sequence is complete, then writing
a 0 to CHxF has no effect. Therefore, an interrupt request cannot be lost due to inadvertent clearing
of CHxF.
Reset clears the CHxF bit. Writing a 1 to CHxF has no effect.
1 = Input capture or output compare on channel x
0 = No input capture or output compare on channel x
CHxIE — Channel x Interrupt Enable Bit
This read/write bit enables TIM CPU interrupt service requests on channel x. Reset clears the CHxIE
bit.
1 = Channel x CPU interrupt requests enabled
0 = Channel x CPU interrupt requests disabled
MSxB — Mode Select Bit B
This read/write bit selects buffered output compare/PWM operation. MSxB exists only in the TIM
channel 0 status and control register.
Setting MS0B disables the channel 1 status and control register and reverts TCH1 to general-purpose
I/O.
Reset clears the MSxB bit.
1 = Buffered output compare/PWM operation enabled
0 = Buffered output compare/PWM operation disabled
MSxA — Mode Select Bit A
When ELSxB:A
≠ 00, this read/write bit selects either input capture operation or unbuffered output
compare/PWM operation. See Table 14-3.
1 = Unbuffered output compare/PWM operation
0 = Input capture operation
Address: $0025
TSC0
Bit 7
654321
Bit 0
Read:
CH0F
CH0IE
MS0B
MS0A
ELS0B
ELS0A
TOV0
CH0MAX
Write:
0
Reset:
00000000
Address: $0028
TSC1
Bit 7
654321
Bit 0
Read:
CH1F
CH1IE
0
MS1A
ELS1B
ELS1A
TOV1
CH1MAX
Write:
0
Reset:
00000000
= Unimplemented
Figure 14-7. TIM Channel Status and Control
Registers (TSC0:TSC1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com