| Electronic Components Datasheet Search |
|
MC908QT4MPE Datasheet(PDF) 133 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC908QT4MPE Datasheet(HTML) 133 Page - Freescale Semiconductor, Inc |
|
133 / 184 page ![]() MC68HC908QY/QT Family Data Sheet, Rev. 5 Freescale Semiconductor 133 Chapter 15 Development Support 15.1 Introduction This section describes the break module, the monitor read-only memory (MON), and the monitor mode entry methods. 15.2 Break Module (BRK) The break module can generate a break interrupt that stops normal program flow at a defined address to enter a background program. Features include: • Accessible input/output (I/O) registers during the break Interrupt • Central processor unit (CPU) generated break interrupts • Software-generated break interrupts • Computer operating properly (COP) disabling during break interrupts 15.2.1 Functional Description When the internal address bus matches the value written in the break address registers, the break module issues a breakpoint signal (BKPT) to the system integration module (SIM). The SIM then causes the CPU to load the instruction register with a software interrupt instruction (SWI). The program counter vectors to $FFFC and $FFFD ($FEFC and $FEFD in monitor mode). The following events can cause a break interrupt to occur: • A CPU generated address (the address in the program counter) matches the contents of the break address registers. • Software writes a 1 to the BRKA bit in the break status and control register. When a CPU generated address matches the contents of the break address registers, the break interrupt is generated. A return-from-interrupt instruction (RTI) in the break routine ends the break interrupt and returns the microcontroller unit (MCU) to normal operation. Figure 15-2 shows the structure of the break module. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |