Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QT4MPE Datasheet(PDF) 136 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 136 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 132Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 133Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 134Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 135Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 136Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 137Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 138Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 139Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 140Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 184 page
background image
Development Support
MC68HC908QY/QT Family Data Sheet, Rev. 5
136
Freescale Semiconductor
15.2.2.1 Break Status and Control Register
The break status and control register (BRKSCR) contains break module enable and status bits.
BRKE — Break Enable Bit
This read/write bit enables breaks on break address register matches. Clear BRKE by writing a 0 to
bit 7. Reset clears the BRKE bit.
1 = Breaks enabled on 16-bit address match
0 = Breaks disabled
BRKA — Break Active Bit
This read/write status and control bit is set when a break address match occurs. Writing a 1 to BRKA
generates a break interrupt. Clear BRKA by writing a 0 to it before exiting the break routine. Reset
clears the BRKA bit.
1 = Break address match
0 = No break address match
15.2.2.2 Break Address Registers
The break address registers (BRKH and BRKL) contain the high and low bytes of the desired breakpoint
address. Reset clears the break address registers.
Address: $FE0B
Bit 7
654321
Bit 0
Read:
BRKE
BRKA
000000
Write:
Reset:
00000000
= Unimplemented
Figure 15-3. Break Status and Control Register (BRKSCR)
Address: $FE09
Bit 7
654321
Bit 0
Read:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Write:
Reset:
00000000
Figure 15-4. Break Address Register High (BRKH)
Address: $FE0A
Bit 7
654321
Bit 0
Read:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Write:
Reset:
00000000
Figure 15-5. Break Address Register Low (BRKL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com