Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QT4MPE Datasheet(PDF) 139 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 139 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 135Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 136Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 137Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 138Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 139Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 140Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 141Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 142Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 143Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 184 page
background image
Monitor Module (MON)
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
139
15.3.1 Functional Description
Figure 15-9 shows a simplified diagram of monitor mode entry.
The monitor module receives and executes commands from a host computer. Figure 15-10, Figure 15-11,
and Figure 15-12 show example circuits used to enter monitor mode and communicate with a host
computer via a standard RS-232 interface.
Figure 15-9. Simplified Monitor Mode Entry Flowchart
MONITOR MODE ENTRY
POR RESET
PTA0 = 1,
PTA1 = 1, AND
PTA4 = 0?
IRQ = VTST?
YES
NO
YES
NO
FORCED
MONITOR MODE
NORMAL
USER MODE
NORMAL
MONITOR MODE
INVALID
USER MODE
NO
NO
HOST SENDS
8 SECURITY BYTES
IS RESET
POR?
YES
YES
YES
NO
ARE ALL
SECURITY BYTES
CORRECT?
NO
YES
ENABLE FLASH
DISABLE FLASH
EXECUTE
MONITOR CODE
DOES RESET
OCCUR?
CONDITIONS
FROM Table 15-1
DEBUGGING
AND FLASH
PROGRAMMING
(IF FLASH
IS ENABLED)
PTA0 = 1,
RESET VECTOR
BLANK?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com