Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QT4MPE Datasheet(PDF) 137 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 137 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 133Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 134Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 135Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 136Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 137Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 138Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 139Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 140Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 141Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 184 page
background image
Break Module (BRK)
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
137
15.2.2.3 Break Auxiliary Register
The break auxiliary register (BRKAR) contains a bit that enables software to disable the COP while the
MCU is in a state of break interrupt with monitor mode.
BDCOP — Break Disable COP Bit
This read/write bit disables the COP during a break interrupt. Reset clears the BDCOP bit.
1 = COP disabled during break interrupt
0 = COP enabled during break interrupt
15.2.2.4 Break Status Register
The break status register (BSR) contains a flag to indicate that a break caused an exit from wait mode.
This register is only used in emulation mode.
SBSW — SIM Break Stop/Wait
SBSW can be read within the break state SWI routine. The user can modify the return address on the
stack by subtracting one from it.
1 = Wait mode was exited by break interrupt
0 = Wait mode was not exited by break interrupt
Address: $FE02
Bit 7
654321
Bit 0
Read:
0000000
BDCOP
Write:
Reset:
00000000
= Unimplemented
Figure 15-6. Break Auxiliary Register (BRKAR)
Address: $FE00
Bit 7
654321
Bit 0
Read:
RRRRRR
SBSW
R
Write:
Note(1)
Reset:
0
R
= Reserved
1. Writing a 0 clears SBSW.
Figure 15-7. Break Status Register (BSR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com