Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QT4MPE Datasheet(PDF) 138 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 138 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 134Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 135Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 136Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 137Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 138Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 139Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 140Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 141Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 142Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 184 page
background image
Development Support
MC68HC908QY/QT Family Data Sheet, Rev. 5
138
Freescale Semiconductor
15.2.2.5 Break Flag Control Register
The break control register (BFCR) contains a bit that enables software to clear status bits while the MCU
is in a break state.
BCFE — Break Clear Flag Enable Bit
This read/write bit enables software to clear status bits by accessing status registers while the MCU is
in a break state. To clear status bits during the break state, the BCFE bit must be set.
1 = Status bits clearable during break
0 = Status bits not clearable during break
15.2.3 Low-Power Modes
The WAIT and STOP instructions put the MCU in low power- consumption standby modes. If enabled,
the break module will remain enabled in wait and stop modes. However, since the internal address bus
does not increment in these modes, a break interrupt will never be triggered.
15.3 Monitor Module (MON)
This subsection describes the monitor module (MON) and the monitor mode entry methods. The monitor
allows debugging and programming of the microcontroller unit (MCU) through a single-wire interface with
a host computer. Monitor mode entry can be achieved without use of the higher test voltage, VTST, as
long as vector addresses $FFFE and $FFFF are blank, thus reducing the hardware requirements for
in-circuit programming.
Features include:
•
Normal user-mode pin functionality on most pins
•
One pin dedicated to serial communication between MCU and host computer
•
Standard non-return-to-zero (NRZ) communication with host computer
•
Execution of code in random-access memory (RAM) or FLASH
•
FLASH memory security feature(1)
•
FLASH memory programming interface
•
Use of external 9.8304 MHz oscillator to generate internal frequency of 2.4576 MHz
•
Simple internal oscillator mode of operation (no external clock or high voltage)
•
Monitor mode entry without high voltage, VTST, if reset vector is blank ($FFFE and $FFFF contain
$FF)
•
Standard monitor mode entry if high voltage is applied to IRQ
Address: $FE03
Bit 7
654321
Bit 0
Read:
BCFE
RRRRRRR
Write:
Reset:
0
R
= Reserved
Figure 15-8. Break Flag Control Register (BFCR)
1. No security feature is absolutely secure. However, Freescale’s strategy is to make reading or copying the FLASH difficult for
unauthorized users.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com