Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7FLITES2M6 Datasheet(PDF) 123 Page - STMicroelectronics

Part # 7FLITES2M6
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7FLITES2M6 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button 7FLITES2M6 Datasheet HTML 117Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 118Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 119Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 120Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 121Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 122Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 123Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 124Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 125Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 123 / 125 page
background image
ST7LITE0x, ST7LITESx
123/125
17 REVISION HISTORY
Table 26. Revision History
Date
Revision
Description of changes
27-Oct-04
3
Revision number incremented from 2.5 to 3.0 due to Internal Document Management Sys-
tem change
Changed all references of ADCDAT to ADCDR
Added EMU3 Emulator Programming Capability in Table 23
Clarification of read-out protection
Altered note 1 for section 13.2.3 on page 83 removing references to RESET
Alteration of fCPU for SLOW and SLOW-WAIT modes in Section 13.4.1 table and Figure 58
on page 91
Removed sentence relating to an effective change only after overflow for CK[1:0], page 57
Added illegal opcode detection to page 1, section 8.4 on page 33, section 12 on page 75
Clarification of Flash read-out protection, section 4.5.1 on page 15
fPLL value of 1MHz quoted as Typical instead of a Minimum in section 14.3.5.2 on page 92
Updated FSCK in section 13.10.1 on page 103 to FCPU/4 and FCPU/2
section 8.4.4 on page 37: Changed wording in AVDIE and AVDF bit descriptions to “...when
the AVDF bit is set”
Socket Board development kit details added in Table 24 on page 115
PWM Signal diagram corrected, Figure 35 on page 56
Corrected count of reserved bits between 003Bh to 007Fh, Table 2 on page 11
Inserted note that RCCR0 and RCCR1 are erased if read-only flag is reset, section 7.1 on
page 25
21-July-06
4
Added QFN20 package
Modified section 2 on page 6
Changed Read operation paragraph in section 5.3 on page 17
Modified note below Figure 9 on page 18 and modified section 5.5 on page 19
Modified note to section 7.1 on page 25
Added note on illegal opcode reset to section 7.4.1 on page 28
Added note 2 to EICR description on page 32
Modified External Interrupt Function in section 10.2.1 on page 43
Changed text on input capture before section 11.1.4 on page 51
Modified text in section 11.1.5 on page 51
Added important note in section 11.3.3.3 on page 63
Changed note 1 in section 13.2 on page 83
Modified values in section 13.2.2 on page 83
Modified note 2 in section 13.3.4.1 on page 86 and section 13.3.4.2 on page 87
Added note on clock stability and frequency accuracy to section 13.3.4.1 on page 86, section
13.3.4.2 on page 87, section 7.1 on page 25 and to OSC option bit in Section 15.1 on page
115
Changed IS value and note 2 in section 13.8.1 on page 96
Added note in Figure 61 on page 96
Changed Figure 75 on page 102 and removed EMC protection circuitry in Figure 76 on page
102 (device works correctly without these components)
Changed section 13.10.1 on page 103 (tsu(SS), tv(MO) and th(MO))
Modified Figure 78 (CPHA=1) and Figure 79 on page 104 (tv(MO) , th(MO))
Added ECOPACK information to section 14 on page 110
Modified Figure 86 on page 111 (A1 and A swapped in the diagram)
Modified Table 20 on page 113
Modified section 15.2 on page 116
Updated option list on page 117
Changed section 15.3 on page 118
Removed erratasheet section
Added Section 16.4 and section 16.5 on page 122
Revision History continued overleaf ...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com