Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8974GEFL/V Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM8974GEFL/V
Description  Mono CODEC with Speaker Driver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8974GEFL/V Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM8974GEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 87 page
background image
Production Data
WM8974
w
PD Rev 4.2 March 2007
43
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2
SPKBOOST
0
Speaker output boost stage control (see Table
37 for details)
0=No boost (outputs are inverting buffers)
1 = 1.5x gain boost
R49
Output control
3
MONOBOOST
0
Mono output boost stage control (see Table 37
for details)
0=No boost (output is inverting buffer)
1=1.5x gain boost
R1
Power
management 1
8
BUFDCOPEN
0
Dedicated buffer for DC level shifting output
stages when in 1.5x gain boost configuration.
0=Buffer disabled
1=Buffer enabled (required for 1.5x gain boost)
Table 36 Output Boost Control
SPKBOOST/
MONOBOOST
OUTPUT
STAGE GAIN
OUTPUT DC
LEVEL
OUTPUT STAGE
CONFIGURATION
0
1x
AVDD/2
Inverting
1
1.5x
1.5xAVDD/2
Non-inverting
Table 37 Output Boost Stage Details
SPKOUTP/SPKOUTN OUTPUTS
The SPKOUT pins can drive a single bridge tied 8Ω speaker or two headphone loads of 16
Ω or 32Ω
or a line output (see Headphone Output and Line Output sections, respectively). The signal to be
output on SKPKOUT comes from the Speaker Mixer circuit and can be any combination of the DAC
output, the Bypass path (output of the boost stage) and the AUX input. The SPKOUTP/N volume is
controlled by the SPKVOL register bits. Note that gains over 0dB may cause clipping if the signal is
large. The SPKMUTE register bit causes the speaker outputs to be muted (the output DC level is
driven out). The output pins remains at the same DC level (VMIDOP), so that no click noise is
produced when muting or un-muting.
The SPKOUTN pin always drives out an inverted version of the SPKOUTP signal.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
DAC2SPK
1
Output of DAC to speaker mixer input
0 = not selected
1 = selected
1
BYP2SPK
0
Bypass path (output of input boost stage) to
speaker mixer input
0 = not selected
1 = selected
R50
Speaker mixer
control
5
AUX2SPK
0
Output of auxiliary amplifier to speaker mixer
input
0 = not selected
1 = selected
R40
Bypass path
attenuation control
1
SPKATTN
0
Attenuation control for bypass path (output
of input boost stage) to speaker mixer input
0 = 0dB
1 = -10dB
Table 38 Speaker Mixer Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com